Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC55
Description  1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 1 Page - Microchip Technology

  TC55 Datasheet HTML 1Page - Microchip Technology TC55 Datasheet HTML 2Page - Microchip Technology TC55 Datasheet HTML 3Page - Microchip Technology TC55 Datasheet HTML 4Page - Microchip Technology TC55 Datasheet HTML 5Page - Microchip Technology TC55 Datasheet HTML 6Page - Microchip Technology TC55 Datasheet HTML 7Page - Microchip Technology TC55 Datasheet HTML 8Page - Microchip Technology TC55 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC55 Series
TC55-24
02/01/01
© 2001 Microchip Technology Inc.
DS21435A
FEATURES
I Very Low Dropout Voltage .... 120mV typ at 100mA
380mV typ at 200mA
I High Output Current .............. 250mA (VOUT = 5.0V)
I High Accuracy Output Voltage ........................
± 2%
(
± 1% Semicustom Version)
I Wide Output Voltage Range .................... 1.1V-6.0V
I Low Power Consumption ................... 1.1
µA (Typ.)
I Low Temperature Drift ................
± 100ppm/°C (Typ.)
I Excellent Line Regulation ..................0.2%/V (Typ.)
I Package Options ............................. 3-Pin SOT-23A
3-Pin SOT-89
I Short Circuit Protection
I Custom Voltages Available from 1.1V to 6.0V in
0.1V Steps for a 2%, and 2.0V to 6.0V for a 1%
Tolerance
APPLICATIONS
I Battery-Powered Devices
I Cameras and Portable Video Equipment
I Pagers and Cellular Phones
I Solar-Powered Instruments
I Consumer Products
GENERAL DESCRIPTION
The TC55 Series is a collection of CMOS low dropout
positive voltage regulators which can source up to 250mA of
current with an extremely low input-output voltage differen-
tial of 380mV at 200mA.
The low dropout voltage combined with the low current
consumption of only 1.1
µA makes this part ideal for battery
operation. The low voltage differential (dropout voltage)
extends battery operating lifetime. It also permits high
currents in small packages when operated with minimum
VIN – VOUT differentials.
The circuit also incorporates short-circuit protection to
ensure maximum reliability.
1
µA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Output Voltage:
Ex: 20 = 2.0V; 60 = 6.0V 1.0% Tol.
Ex: 11 = 1.1V; 60 = 6.0V 2.0% Tol.
Extra Feature Code: Fixed: 0
Tolerance:
1 = 1.0% (Custom)
2 = 2.0% (Standard)
Temperature: E: – 40
°C to +85°C
Package Type and Pin Count:
CB: 3-Pin SOT-23A (equivalent to EIAJ SC-59)
MB: 3-Pin SOT-89
Taping Direction:
TR or 713: Standard Taping
RT or 723: Reverse Taping
PART CODE
TC55 RP XX X X X XX XXX
ORDERING INFORMATION
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
VIN
VOUT
GND
Short-circuit
Protection
Voltage
Reference
1
3
2
VIN
VOUT
GND
TC55
VIN
VOUT
GND
TC55
1
3
2
3-Pin SOT-23A
3-Pin SOT-89
*SOT-23A-3 is equivalent to EIAJ SC-59


Similar Part No. - TC55

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
More results

Similar Description - TC55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com