Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet (PDF) - TelCom Semiconductor, Inc

TC55 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC55
Download  TC55 Download
File Size   50.11 Kbytes
Page   3 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW DROPOUT POSITIVE VOLTAGE REGULATOR

TC55 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC55
Download  TC55 Click to download

File Size   50.11 Kbytes
Page   3 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW DROPOUT POSITIVE VOLTAGE REGULATOR

TC55 Datasheet (HTML) - TelCom Semiconductor, Inc


TC55 Product details

GENERAL DESCRIPTION
The TC55 Series is a collection of CMOS low dropout positive voltage regulators which can source up to 250mA of current with an extremely low input-output voltage differential of 380mV.

FEATURES
■ Very Low Dropout Voltage .... 120mV typ at 100mA
                                                   380mV typ at 200mA
■ High Output Current .............. 250mA (VOUT = 5.0V)
■ High Accuracy Output Voltage ........................± 2%
                                       (± 1% Semicustom Version)
■ Wide Output Voltage Range .................... 2.1V-6.0V
■ Low Power Consumption ................... 1.1µA (Typ.)
■ Low Temperature Drift ................... ± 100ppm/°C Typ
■ Excellent Line Regulation ..................... 0.2%/V Typ
■ Package Options ....................................SOT-23A-3
                                                                    SOT-89-3
                                                                    TO-92
■ Short Circuit Protected
■ Standard 3.0V, 3.3V and 5.0V Output Voltages
■ Custom Voltages Available from 2.1V to 6.0V in 0.1V Steps.

APPLICATIONS
■ Battery-Powered Devices
■ Cameras and Portable Video Equipment
■ Pagers and Cellular Phones
■ Solar-Powered Instruments
■ Consumer Products




Similar Part No. - TC55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
More results


Similar Description - TC55

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com