Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC55
Description  LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC55 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC55 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC55 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC55 Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-127
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC55 Series
FEATURES
s
Very Low Dropout Voltage .... 120mV typ at 100mA
380mV typ at 200mA
s
High Output Current .............. 250mA (VOUT = 5.0V)
s
High Accuracy Output Voltage ........................
± 2%
(
± 1% Semicustom Version)
s
Wide Output Voltage Range .................... 2.1V-6.0V
s
Low Power Consumption ................... 1.1
µA (Typ.)
s
Low Temperature Drift ...................
± 100ppm/°C Typ
s
Excellent Line Regulation ..................... 0.2%/V Typ
s
Package Options .................................... SOT-23A-3
SOT-89-3
TO-92
s
Short Circuit Protected
s
Standard 3.0V, 3.3V and 5.0V Output Voltages
s
Custom Voltages Available from 2.1V to 6.0V in
0.1V Steps.
APPLICATIONS
s
Battery-Powered Devices
s
Cameras and Portable Video Equipment
s
Pagers and Cellular Phones
s
Solar-Powered Instruments
s
Consumer Products
GENERAL DESCRIPTION
The TC55 Series is a collection of CMOS low dropout
positive voltage regulators which can source up to 250mA of
current with an extremely low input-output voltage differen-
tial of 380mV.
The low dropout voltage combined with the low current
consumption of only 1.1
µA makes this part ideal for battery
operation. The low voltage differential (dropout voltage)
extends battery operating lifetime. It also permits high cur-
rents in small packages when operated with minimum VIN –
VOUT differentials.
The circuit also incorporates short-circuit protection to
ensure maximum reliability.
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Output Voltage:
Ex: 21= 2.1V; 60 = 6.0V
Extra Feature Code: Fixed: 0
Tolerance:
1 =
±1.0% (Custom)
2 =
±2.0% (Standard)
Temperature: E: – 40
°C to +85°C
Package Type and Pin Count:
CB: SOT-23A-3 (Equivalent to EIAJ (SC-59))
MB: SOT-89-3
ZB: TO-92-3
Taping Direction:
Standard Taping
Reverse Taping
No suffix: TO-92 Bulk
PART CODE
TC55 RP XX X X X XX XXX
ORDERING INFORMATION
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
VIN
VOUT
GND
Short-circuit
Protection
Voltage
Reference
TC55-20 11/8/96
13
2
VIN
VIN
VOUT
VOUT
GND
GND
TC55
TC55
TC55
1
1
2
3
3
2
*SOT-23A-3
SOT-89-3
TO-92
*SOT-23A-3 is equivalent to EIAJ (SC-59)


Similar Part No. - TC55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
More results

Similar Description - TC55

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com