Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC5501P Datasheet (PDF) - Toshiba Semiconductor

TC5501P Datasheet PDF - Toshiba Semiconductor
Part # TC5501P
Download  TC5501P Download
File Size   156.3 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 256 WORD x 4 BIT CMOS RAM

TC5501P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5501P Datasheet PDF - Toshiba Semiconductor

Part # TC5501P
Download  TC5501P Click to download

File Size   156.3 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 256 WORD x 4 BIT CMOS RAM

TC5501P Datasheet (HTML) - Toshiba Semiconductor


TC5501P Product details

DESCRIPTION

The TC5501P/D is a fully static read write memory
organized as 256 words by 4 bits using CMOS tech-
nology. Because of ultra low power dissipation, the
TC5501P/D can be used as battery operated portable
memory system and also as a nonvolatile memory
with battery back up. The TC5501P/D operates from
a single BV power supply with a static operation, so
that the no refresh periods are required. This simpli-
fies the power supply circuit design.
The three state outputs simplify the memory ex-
pansion making the TC5501P/D suitable for use in a
microprocessor peripheral memory. Since the mini-
mum data retention voltage is 2V, the battery back
up system needsonly simple circuit. By using Toshiba's
original C*MOS technology, the device circuitry is
not only simplified but wide operating margin and
noise margin are also realized.

The TC5501P/Dis offered in standard 22 pin plastic
and cerdip packages, 0.4 inch in width.

FEATURES

® Low Power Dissipation

- 55uW (MAX.} STANDBY

- 83mW (MAX.) OPERATING
e Single 5V Power Supply
o Data Retention Voltage 2V to 5.5V
e Package

- Plastic DIP : TC5501P

- Cerdip DIP : TC5501D

e Fully static operation
e Three State Output
e Input/output, TTL Compatible
® Access Time
TCS501P/D ; tACC S 450ns (MAX)
TCBB01P-1/D-1; tacC S 650ns (MAX.)




Similar Part No. - TC5501P

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC551001 TOSHIBA-TC551001 Datasheet
584Kb / 13P
SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
TC551001 TOSHIBA-TC551001 Datasheet
547Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
More results


Similar Description - TC5501P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
256 x 4 CMOS RAM
March 1997
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
256 x 4 CMOS RAM
March 1997
MWS5101 INTERSIL-MWS5101 Datasheet
41Kb / 7P
256-Word x 4-Bit LSI Static RAM
March 1997
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
256-Word x 4-Bit LSI Static RAM
March 1997
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
logo
Toshiba Semiconductor
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com