Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWS5101 Datasheet (PDF) - Intersil Corporation

MWS5101 Datasheet PDF - Intersil Corporation
Part # MWS5101
Download  MWS5101 Download
File Size   41.22 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256-Word x 4-Bit LSI Static RAM

MWS5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MWS5101 Datasheet PDF - Intersil Corporation

Part # MWS5101
Download  MWS5101 Click to download

File Size   41.22 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256-Word x 4-Bit LSI Static RAM

MWS5101 Datasheet (HTML) - Intersil Corporation


MWS5101 Product details

Description
The MWS5101 and MWS5101A are 256 word by 4-bit static random access memories designed for use in memory systems where high speed, very low operating current, and simplicity in use are desirable. They have separate data inputs and outputs and utilize a single power supply of 4V to 6.5V. The MWS5101 and MWS5101A differ in input voltage characteristics (MWS5101A is TTL compatible).

Features
• Industry Standard Pinout
• Very Low Operating Current . . . . . . . . . . . . . . . . . . 8mA at VDD = 5V and Cycle Time = 1µs
• Two Chip Select Inputs Simple Memory Expansion
• Memory Retention for Standby. . . . . . . . . . . . . 2V (Min) Battery Voltage
• Output Disable for Common I/O Systems
• Three-State Data Output for Bus Oriented Systems
• Separate Data Inputs and Outputs
• TTL Compatible (MWS5101A)




Similar Part No. - MWS5101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
MWS5114D1 INTERSIL-MWS5114D1 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
MWS5114D1 INTERSIL-MWS5114D1 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
MWS5114D2 INTERSIL-MWS5114D2 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
More results


Similar Description - MWS5101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
128-Word x 8-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
1024-Bit (256 x 4) Static RAM
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
256-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
Toshiba Semiconductor
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com