Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC551001 Datasheet (PDF) - Toshiba Semiconductor

TC551001 Datasheet PDF - Toshiba Semiconductor
Part # TC551001
Download  TC551001 Download
File Size   584.22 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM

TC551001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC551001 Datasheet PDF - Toshiba Semiconductor

Part # TC551001
Download  TC551001 Click to download

File Size   584.22 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM

TC551001 Datasheet (HTML) - Toshiba Semiconductor


TC551001 Product details

Description
The TC551001BPL is a 1,048,576 bits static random access memory organized as 131,072 words by 8 bits using CMOS technology, and operated from a single 5V power supply. Advanced circuit techniques provide both high speed and low power features with an operating current of 5mA/MHz (typ.) and a minimum cycle time of 70ns. When CE1 is a logical high, or CE2 is low, the device is placed in a low power standby mode in which the standby current is 2 µ A typically. The TC551001BPL has three control inputs. Chip Enable inputs (CE1, CE2) allow for device selection and data retention control, while an Output Enable input (OE) provides fast memory access. The TC551001BPL is suitable for use in microprocessor application systems where high speed, low power, and battery backup are required. The TC551001BPL is offered in a standard dual-in-line 32-pin plastic package, a small outline plastic package, and a thin small outline plastic package (forward, reverse type).

Features
■ Low power dissipation :
■ 27.5mW/MHz (typ.)
■ Standby current: 4 µ A (max.) at Ta = 25 °
■ C
■ 5V single power supply
■ Access time (max.)
■ Power down feature:
■ CE1, CE2
■ Data retention supply voltage:
■ 2.0 ~ 5.5V
■ Inputs and outputs directly TTL compatible
■ Package TC551001BPL : DIP32-P-600 TC551001BFL : SOP32-P-525 TC551001BFTL : TSOP32-P-0820 TC551001BTRL : TSOP32-P-0820A TC551001BPL/BFL/BFTL/BTRL -70L -85L Access Time 70ns 85ns CE1 Access Time 70ns 85ns CE2 Access Time 70ns 85ns OE Access Time 35ns 45ns




Similar Part No. - TC551001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001 TOSHIBA-TC551001 Datasheet
547Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
19-Aug-1997
TC551001 TOSHIBA-TC551001 Datasheet
588Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
19-Jun-1997
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
441Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFI-10 TOSHIBA-TC551001AFI-10 Datasheet
441Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
More results


Similar Description - TC551001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
19-Aug-1997
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
131,072 WORD x 8 BIT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com