Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6551 Datasheet (PDF) - Intersil Corporation

HM-6551 Datasheet PDF - Intersil Corporation
Part # HM-6551
Download  HM-6551 Download
File Size   116.03 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256 x 4 CMOS RAM

HM-6551 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6551 Datasheet PDF - Intersil Corporation

Part # HM-6551
Download  HM-6551 Click to download

File Size   116.03 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256 x 4 CMOS RAM

HM-6551 Datasheet (HTML) - Intersil Corporation


HM-6551 Product details

Description
The HM-6551 is a 256 x 4 static CMOS RAM fabricated using self-aligned silicon gate technology. Synchronous circuit design techniques are employed to achieve high performance and low power operation.

Features
• Low Power Standby . . . . . . . . . . . . . . . . . . . . 50µW Max
• Low Power Operation . . . . . . . . . . . . . 20mW/MHz Max
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . 220ns Max
• Data Retention . . . . . . . . . . . . . . . . . . . . . . . .at 2.0V Min
• TTL Compatible Input/Output
• High Output Drive - 1 TTL Load
• Internal Latched Chip Select
• High Noise Immunity
• On-Chip Address Register
• Latched Outputs
• Three-State Output




Similar Part No. - HM-6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
HM-6551/883 INTERSIL-HM-6551/883 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
More results


Similar Description - HM-6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
256 x 4 CMOS RAM
March 1997
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
256 x 4 ECL RAM
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
Radiation Hardened 256 x 8 CMOS RAM
August 2000
logo
Pyramid Semiconductor C...
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com