Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7671STM Datasheet (PDF) - International Rectifier

OM7671STM Datasheet PDF - International Rectifier
Part # OM7671STM
Download  OM7671STM Download
File Size   188.35 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Low Dropout Positive Voltage Regulator

OM7671STM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7671STM Datasheet PDF - International Rectifier

Part # OM7671STM
Download  OM7671STM Click to download

File Size   188.35 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Low Dropout Positive Voltage Regulator

OM7671STM Datasheet (HTML) - International Rectifier


OM7671STM Product details

Description

This series of +3.3V voltage regulators are high current, high accuracy, low dropout regulators and are well suited for systems where low dropout voltages are critical. These devices feature protection against overtemperature, overcurrent, reverse polarity conditions and voltage spikes. The TO-257AA (Isolated Tab) hermetic package meets the demand for military/defense environments.



Features

 Low Dropout Voltage and Ground Currents

 High Current Capability

 Built-in Thermal Overload Protection

 Short Circuit Current Limiting

 Output Voltage Tolerance Guaranteed to ±1%

 Hermetic TO-257AA (Isolated Tab) Package

   Ensures High Reliability

 Output Current 2.6A

 This part is also available in

   SMD-1 Package as OM7671NM

   TO-204AA Package as OM7671NK

   3-Pin Surface Mount (SMD-3) Package as OM7671SM




Similar Part No. - OM7671STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
More results


Similar Description - OM7671STM

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com