Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701A Datasheet (PDF) - Microchip Technology

MCP1701A Datasheet PDF - Microchip Technology
Part # MCP1701A
Download  MCP1701A Download
File Size   606.77 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2關A Low-Dropout Positive Voltage Regulator

MCP1701A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1701A Datasheet PDF - Microchip Technology

Part # MCP1701A
Download  MCP1701A Click to download

File Size   606.77 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2關A Low-Dropout Positive Voltage Regulator

MCP1701A Datasheet (HTML) - Microchip Technology


MCP1701A Product details

General Description
The MCP1701A is a family of CMOS low-dropout, positive voltage regulators that can deliver up to 250 mA of current while consuming only 2.0 µA of quiescent current (typ.). The input operating range is specified up to 10V, making it ideal for lithium-ion (one or two cells), 9V alkaline and other two and three primary cell battery-powered applications.
The MCP1701A is capable of delivering 250 mA with an input-to-output voltage differential (dropout voltage) of 650 mV. The low-dropout voltage extends the battery operating lifetime. It also permits high currents in small packages when operated with minimum VIN – VOUT differentials. The MCP1701A offers improved startup and transient response.
The MCP1701A has a tight tolerance output voltage regulation of ±0.5% (typ.) and very good line regulation at ±0.2%. The LDO output is stable when using only 1 µF of output capacitance of either tantalum or aluminum-electrolytic style capacitors. The MCP1701A LDO also incorporates short circuit protection to ensure maximum reliability.
Package options include the 3-pin SOT-23A, 3-pin SOT-89 and 3-Pin TO-92.

Features
• 2.0 µA Typical Quiescent Current
• Input Operating Voltage Range up to 10.0V
• Low-Dropout Voltage (LDO):
   - 120 mV (typical) @ 100 mA
   - 380 mV (typical) @ 200 mA
• High Output Current: 250 mA (VOUT = 5.0V)
• High-Accuracy Output Voltage: ±2% (max)
• Low Temperature Drift: ±100 ppm/°C (typical)
• Excellent Line Regulation: 0.2%/V (typical)
• Package Options: 3-Pin SOT-23A, 3-Pin SOT-89,
   and 3-Pin TO-92
• Short Circuit Protection
• Standard Output Voltage Options:
   - 1.8V, 2.5V, 3.0V, 3.3V, 5.0V

Applications
• Battery-Powered Devices
• Battery-Powered Alarm Circuits
• Smoke Detectors
• CO2 Detectors
• Smart Battery Packs
• PDAs
• Low-Quiescent Current Voltage Reference
• Cameras and Portable Video Equipment
• Pagers and Cellular Phones
• Solar-Powered Instruments
• Consumer Products
• Microcontroller Power




Similar Part No. - MCP1701A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1701 MICROCHIP-MCP1701 Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-18021/CB MICROCHIP-MCP1701T-18021/CB Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-18021/MB MICROCHIP-MCP1701T-18021/MB Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-18021/TO MICROCHIP-MCP1701T-18021/TO Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-1802I/CB MICROCHIP-MCP1701T-1802I/CB Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
More results


Similar Description - MCP1701A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
1.5-A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com