Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701A Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1701A
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A Datasheet(HTML) 1 Page - Microchip Technology

  MCP1701A Datasheet HTML 1Page - Microchip Technology MCP1701A Datasheet HTML 2Page - Microchip Technology MCP1701A Datasheet HTML 3Page - Microchip Technology MCP1701A Datasheet HTML 4Page - Microchip Technology MCP1701A Datasheet HTML 5Page - Microchip Technology MCP1701A Datasheet HTML 6Page - Microchip Technology MCP1701A Datasheet HTML 7Page - Microchip Technology MCP1701A Datasheet HTML 8Page - Microchip Technology MCP1701A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21991C-page 1
MCP1701A
Features
• 2.0 µA Typical Quiescent Current
• Input Operating Voltage Range up to 10.0V
• Low-Dropout Voltage (LDO):
- 120 mV (typical) @ 100 mA
- 380 mV (typical) @ 200 mA
• High Output Current: 250 mA (VOUT = 5.0V)
• High-Accuracy Output Voltage: ±2% (max)
• Low Temperature Drift: ±100 ppm/°C (typical)
• Excellent Line Regulation: 0.2%/V (typical)
• Package Options: 3-Pin SOT-23A, 3-Pin SOT-89,
and 3-Pin TO-92
• Short Circuit Protection
• Standard Output Voltage Options:
- 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
Applications
• Battery-Powered Devices
• Battery-Powered Alarm Circuits
• Smoke Detectors
•CO2 Detectors
• Smart Battery Packs
•PDAs
• Low-Quiescent Current Voltage Reference
• Cameras and Portable Video Equipment
• Pagers and Cellular Phones
• Solar-Powered Instruments
• Consumer Products
• Microcontroller Power
General Description
The MCP1701A is a family of CMOS low-dropout,
positive voltage regulators that can deliver up to
250 mA of current while consuming only 2.0 µA of
quiescent current (typ.). The input operating range is
specified up to 10V, making it ideal for lithium-ion (one
or two cells), 9V alkaline and other two and three
primary cell battery-powered applications.
The MCP1701A is capable of delivering 250 mA with
an input-to-output voltage differential (dropout voltage)
of 650 mV. The low-dropout voltage extends the battery
operating lifetime. It also permits high currents in small
packages when operated with minimum VIN – VOUT
differentials. The MCP1701A offers improved startup
and transient response.
The MCP1701A has a tight tolerance output voltage
regulation of ±0.5% (typ.) and very good line regulation
at ±0.2%. The LDO output is stable when using only
1 µF of output capacitance of either tantalum or
aluminum-electrolytic style capacitors. The MCP1701A
LDO also incorporates short circuit protection to ensure
maximum reliability.
Package options include the 3-pin SOT-23A, 3-pin
SOT-89 and 3-Pin TO-92.
Package Types
VIN
GND
VOUT
3
12
MCP1701A
GND VIN VOUT
12
3
MCP1701A
3-Pin SOT-23A
3-Pin SOT-89
VIN
Note: 3-Pin SOT-23A is equivalent to the EIAJ
SC-59.
3-Pin TO-92
12 3
VOUT
VIN
GND
Bottom
View
2 µA Low-Dropout Positive Voltage Regulator


Similar Part No. - MCP1701A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1701 MICROCHIP-MCP1701 Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-18021/CB MICROCHIP-MCP1701T-18021/CB Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-18021/MB MICROCHIP-MCP1701T-18021/MB Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-18021/TO MICROCHIP-MCP1701T-18021/TO Datasheet
385Kb / 20P
2uA Low Dropoout Positive Voltage Refulator
2004
MCP1701T-1802I/CB MICROCHIP-MCP1701T-1802I/CB Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
More results

Similar Description - MCP1701A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
1.5-A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com