Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701A Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1701A
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1701A Datasheet HTML 4Page - Microchip Technology MCP1701A Datasheet HTML 5Page - Microchip Technology MCP1701A Datasheet HTML 6Page - Microchip Technology MCP1701A Datasheet HTML 7Page - Microchip Technology MCP1701A Datasheet HTML 8Page - Microchip Technology MCP1701A Datasheet HTML 9Page - Microchip Technology MCP1701A Datasheet HTML 10Page - Microchip Technology MCP1701A Datasheet HTML 11Page - Microchip Technology MCP1701A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MCP1701A
DS21991C-page 8
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, VOUT = 1.8V, 3.3V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-19:
Load Regulation vs.
Temperature (VR = 1.8V).
FIGURE 2-20:
Load Regulation vs.
Temperature (VR = 3.3V).
FIGURE 2-21:
Load Regulation vs.
Temperature (VR = 5.0V).
FIGURE 2-22:
Line Regulation vs.
Temperature (VR = 1.8V).
FIGURE 2-23:
Line Regulation vs.
Temperature (VR = 3.3V).
FIGURE 2-24:
Line Regulation vs.
Temperature (VR = 5.0V).
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
VIN = 12.0V
VIN = 6.0V
VIN = 8.0V
VIN = 10.0V
VR = 1.8V
IOUT = 1 to 30 mA
VIN = 3.0V
-0.75
-0.70
-0.65
-0.60
-0.55
-0.50
-0.45
-0.40
-0.35
-45
-25
-5
15
35
55
75
Temperature (°C)
VIN = 12.0V
VIN = 8.0V
VIN = 10.0V
VR = 3.3V
IOUT = 1 to 80 mA
VIN = 4.3V
-0.65
-0.60
-0.55
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-45
-25
-5
15
35
55
75
Temperature (°C)
VIN = 12.0V
VIN = 6.0V
VIN = 8.0V
VIN = 10.0V
VR = 5.0V
VIN = 6.0V to 12V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
IOUT = 0 mA
IOUT = 0.1 mA
IOUT = 1.0 mA
IOUT = 100 mA
IOUT = 10 mA
VR = 1.8V
VIN = 2.8V to 10V
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
IOUT = 0 mA
IOUT = 10 mA
IOUT = 100 mA
IOUT = 200 mA
VR = 3.3V
VIN = 4.3V to 10V
IOUT = 300 mA
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
IOUT = 300 mA
IOUT = 200 mA
IOUT = 100 mA
IOUT = 10 mA
IOUT = 1 mA
IOUT = 0 mA
VR = 5.0V
VIN = 6.0V to 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com