Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7531 Datasheet (PDF) - Leadtrend Technology

LD7531 Datasheet PDF - Leadtrend Technology
Part # LD7531
Download  LD7531 Download
File Size   360.12 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Green-Mode PWM Controller with Frequency Trembling and Integrated Protections

LD7531 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7531 Datasheet PDF - Leadtrend Technology

Part # LD7531
Download  LD7531 Click to download

File Size   360.12 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Green-Mode PWM Controller with Frequency Trembling and Integrated Protections

LD7531 Datasheet (HTML) - Leadtrend Technology


LD7531 Product details

Features
High-Voltage CMOS Process with Excellent ESD
protection
Very Low Startup Current (<20μA)
Current Mode Control
Non-audible-noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Programmable Switching Frequency
Internal Trembling (±4KHz)
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc Pin
OLP (Over Load Protection)
300mA Driving Capability

Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply

General Description
The LD7531 is built-in with several functions, protection and
EMI-improved solution in a SOT-26/ DIP-8 package. It takes
less components counts or circuit space, especially ideal for
those total solutions of low cost.
The implemented functions include low startup current,
green-mode power-saving operation, leading-edge blanking
of the current sensing and internal slope compensation.
And the LD7531 features more protections like OLP (Over
Load Protection) and OVP (Over Voltage Protection) to
prevent the circuit damage from the abnormal conditions.
Furthermore, the frequency trembling function is to reduce
the noise level and thus helps the power circuit designers to
easily deal with the EMI filter design by using minimum
component cost and developing time.




Similar Part No. - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Similar Description - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com