Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7530 Datasheet (PDF) - Leadtrend Technology

LD7530 Datasheet PDF - Leadtrend Technology
Part # LD7530
Download  LD7530 Download
File Size   340.59 Kbytes
Page   19 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time

LD7530 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7530 Datasheet PDF - Leadtrend Technology

Part # LD7530
Download  LD7530 Click to download

File Size   340.59 Kbytes
Page   19 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time

LD7530 Datasheet (HTML) - Leadtrend Technology


LD7530 Product details

General Description
The LD7530/LD7530A are specifically designed for the low
total system cost by integrating many functions, protections,
and the EMI-improved solution in a tiny SOT-26 package
which usually need a lot of extra components or circuits on
the general designs.
Furthermore, the LD7530/7530A features green mode
operation, leading edge blanking time, internal slope
compensation and adjustable over load protection (OLP)
delay time to minimize the component counts for switching
power supply.
And to satisfy different designs, 2 versions of OVP levels are
implemented as ---

Features
High-Voltage CMOS Process with Excellent ESD
protection
Very Low Startup Current (<20μA)
Current Mode Control
Non-audible-noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc Pin
OLP (Over Load Protection)
300mA Driving Capability
Adjustable OLP Delay Time

Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply




Similar Part No. - LD7530

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Similar Description - LD7530

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
Green-Mode PWM Controller with Integrated Protections
12/11/2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com