Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7530 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7530
Description  Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7530 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7530 Datasheet HTML 6Page - Leadtrend Technology LD7530 Datasheet HTML 7Page - Leadtrend Technology LD7530 Datasheet HTML 8Page - Leadtrend Technology LD7530 Datasheet HTML 9Page - Leadtrend Technology LD7530 Datasheet HTML 10Page - Leadtrend Technology LD7530 Datasheet HTML 11Page - Leadtrend Technology LD7530 Datasheet HTML 12Page - Leadtrend Technology LD7530 Datasheet HTML 13Page - Leadtrend Technology LD7530 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LD7530/LD7530A
10
Leadtrend Technology Corporation
LD7530&LD7530A-DS-04 December 2007
Fig. 15
A 200nS leading-edge blanking (LEB) time is included in the
input of CS pin to prevent the false-trigger from the current
spike. In the low power application, if the total pulse width of
the turn-on spikes is less than 200nS and the negative spike
on the CS pin doesn’t exceed -0.3V, it could eliminated the
R-C filter (as shown in the figure16).
However, the total pulse width of the turn-on spike is
decided by the output power, circuit design and PCB layout.
It is strongly recommended to adopt a smaller R-C filter (as
shown in figure 17) for higher power application to avoid the
CS pin being damaged by the negative turn-on spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 300mA
driving capability, is incorporated to drive a power MOSFET
directly. And the maximum duty-cycle of LD7530/LD7530A
is limited to 75% to avoid the transformer saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the COMP
pin of the LD7530/LD7530A.
Similar to UC3842, the
LD7530/LD7530A would carry 2 diodes voltage offset at the
stage to feed the voltage divider at the ratio of 1/3, that is,
)
2
(
3
1
)
(
F
COMP
PWM
V
V
V
COMPARATOR
−
×
=
−
A pull-high resistor is embedded internally and can be
eliminated externally.
Fig. 16
Fig. 17
Oscillator and Switching Frequency
The switching frequency of LD7530/LD7530A is fixed as 65
KHz internally to provide the optimized operations by
considering the EMI performance, thermal treatment,
component sizes and transformer design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com