Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZG01 Datasheet (PDF) - NXP Semiconductors

BZG01 Datasheet PDF - NXP Semiconductors
Part # BZG01
Download  BZG01 Download
File Size   50.59 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SMA voltage regulator diodes

BZG01 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZG01 Datasheet PDF - NXP Semiconductors

Part # BZG01
Download  BZG01 Click to download

File Size   50.59 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SMA voltage regulator diodes

BZG01 Datasheet (HTML) - NXP Semiconductors


BZG01 Product details

DESCRIPTION
DO-214AC surface mountable package with glass passivated chip.
The well-defined void-free case is of a transfer-moulded thermo-setting plastic. The small rectangular package has two J bent leads.
   
FEATURES
• Glass passivated
• High maximum operating temperature
• Ideal for surface mount automotive applications
• Low leakage current
• Excellent stability
• UL 94V-O classified plastic package
• Zener working voltage range: 10 to 270 V for 35 types
• Supplied in 12 mm embossed tape and reel, 1500 and
    7500 pieces
• Marking: cathode, date code, type name
• Easy pick and place.
   




Similar Part No. - BZG01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG01 PHILIPS-BZG01 Datasheet
44Kb / 7P
Voltage regulator diodes
2000 Feb 17
BZG01-C10 PHILIPS-BZG01-C10 Datasheet
44Kb / 7P
Voltage regulator diodes
2000 Feb 17
BZG01-C100 PHILIPS-BZG01-C100 Datasheet
44Kb / 7P
Voltage regulator diodes
2000 Feb 17
BZG01-C11 PHILIPS-BZG01-C11 Datasheet
44Kb / 7P
Voltage regulator diodes
2000 Feb 17
BZG01-C110 PHILIPS-BZG01-C110 Datasheet
44Kb / 7P
Voltage regulator diodes
2000 Feb 17
More results


Similar Description - BZG01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com