Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3215 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3215 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3215
Download  AAT3215 Download
File Size   348.32 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA CMOS High Performance LDO

AAT3215 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3215 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3215
Download  AAT3215 Click to download

File Size   348.32 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA CMOS High Performance LDO

AAT3215 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3215 Product details

General Description
The AAT3215 MicroPower™ low dropout (LDO) linear regulator is ideally suited for portable applications where low noise, extended battery life, and small size are critical. The AAT3215 has been specifically designed for very low output noise performance, fast transient response, and high power supply rejection ratio (PSRR), making it ideal for powering sensitive RF circuits.

Features
• Low Dropout: 140mV at 150mA
• Guaranteed 150mA Output
• High Accuracy ±1.5%
• 95µA Quiescent Current
• High Power Supply Ripple Rejection
    — 70dB at 1kHz
    — 50dB at 10kHz
• Very Low Self Noise: 45µVrms
• Fast Line and Load Transient Response
• Short-Circuit Protection
• Over-Temperature Protection
• Uses Low Equivalent Series Resistance (ESR) Ceramic Capacitors
• Noise Reduction Bypass Capacitor
• Shutdown Mode for Longer Battery Life
• Low Temperature Coefficient
• Ten Factory-Programmed Output Voltages
• SOT23 5-Pin or SC70JW 8-Pin Package

Applications
• Bluetooth™ Headsets
• Cellular Phones
• Digital Cameras
• Notebook Computers
• Personal Portable Electronics
• Portable Communication Devices




Similar Part No. - AAT3215

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
AAT3215 ANALOGICTECH-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
AAT3215IGV-2.5-T1 ANALOGICTECH-AAT3215IGV-2.5-T1 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
AAT3215IGV-2.6-T1 ANALOGICTECH-AAT3215IGV-2.6-T1 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
AAT3215IGV-2.7-T1 ANALOGICTECH-AAT3215IGV-2.7-T1 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
More results


Similar Description - AAT3215

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com