Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3218 Datasheet (PDF) - Advanced Analogic Technologies

AAT3218 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3218
Download  AAT3218 Download
File Size   372.91 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 150mA MicroPower??High Performance LDO

AAT3218 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3218 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3218
Download  AAT3218 Click to download

File Size   372.91 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 150mA MicroPower??High Performance LDO

AAT3218 Datasheet (HTML) - Advanced Analogic Technologies


AAT3218 Product details

General Description
The AAT3218 MicroPower low dropout linear regulator is ideally suited for portable applications where very fast transient response, extended battery life, and small size are critical. The AAT3218 has been specifically designed for high-speed turn-on and turnoff performance, fast transient response, and good power supply ripple rejection (PSRR), and is reasonably low noise, making it ideal for powering sensitive circuits with fast switching requirements.

Features
• Low Dropout: 200mV at 150mA
• Guaranteed 150mA Output
• High Accuracy: ±1.5%
• 70µA Quiescent Current
• Fast Line and Load Transient Response
• High-Speed Device Turn-On and Shutdown
• High Power Supply Ripple Rejection
• Low Self Noise
• Short-Circuit and Over-Temperature Protection
• Uses Low Equivalent Series Resistance (ESR) Ceramic Capacitors
• Output Noise Reduction Bypass Capacitor
• Shutdown Mode for Longer Battery Life
• Low Temperature Coefficient
• 16 Factory-Programmed Output Voltages
• SOT23 5-Pin or SC70JW 8-Pin Package

Applications
• Bluetooth™ Headsets
• Cellular Phones
• Digital Cameras
• Notebook Computers
• Personal Portable Electronics
• Portable Communication Devices




Similar Part No. - AAT3218

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Skyworks Solutions Inc.
AAT3218 SKYWORKS-AAT3218 Datasheet
1Mb / 15P
150mA MicroPowerTM High Performance LDO
August 7, 2012
logo
List of Unclassifed Man...
AAT3218IGV-1.2-T1 ETC-AAT3218IGV-1.2-T1 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Skyworks Solutions Inc.
AAT3218IGV-1.2-T1 SKYWORKS-AAT3218IGV-1.2-T1 Datasheet
1Mb / 15P
150mA MicroPowerTM High Performance LDO
August 7, 2012
logo
List of Unclassifed Man...
AAT3218IGV-1.5-T1 ETC-AAT3218IGV-1.5-T1 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
More results


Similar Description - AAT3218

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com