Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3220 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3220 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3220
Download  AAT3220 Download
File Size   190.95 Kbytes
Page   16 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA NanoPower??LDO Linear Regulator

AAT3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3220 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3220
Download  AAT3220 Click to download

File Size   190.95 Kbytes
Page   16 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA NanoPower??LDO Linear Regulator

AAT3220 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3220 Product details

General Description
The AAT3220 PowerLinear NanoPower low dropout (LDO) linear regulator is ideal for portable applications where extended battery life is critical. This device features extremely low quiescent current, typically 1.1µA. Dropout voltage is also very low, typically less than 225mV at the maximum output current of 150mA. The AAT3220 has output short-circuit and over-current protection. In addition, the device also has an over-temperature protection circuit which will shut down the LDO regulator during extended over-current events.

Features
• 1.1µA Quiescent Current
• Low Dropout: 200mV (typ)
• Guaranteed 150mA Output
• High Accuracy: ±2.0%
• Current Limit and Over-Temperature Protection
• Low Temperature Coefficient
• Factory-Programmed Output Voltages: 1.8V to 3.5V
• Stable Operation With Virtually Any Output Capacitor Type
• 3-Pin SOT-89 or SC59 Package
• 4kV ESD Rating

Applications
• Cellular Phones
• Digital Cameras
• Handheld Electronics
• Notebook Computers
• PDAs
• Portable Communication Devices
• Remote Controls




Similar Part No. - AAT3220

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3220 SKYWORKS-AAT3220 Datasheet
1Mb / 15P
150mA NanoPowerTM LDO Linear Regulator
August 7, 2012
logo
Advanced Analogic Techn...
AAT3220IGY-1.8-T1 ANALOGICTECH-AAT3220IGY-1.8-T1 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3220IGY-1.8-T1 SKYWORKS-AAT3220IGY-1.8-T1 Datasheet
1Mb / 15P
150mA NanoPowerTM LDO Linear Regulator
August 7, 2012
More results


Similar Description - AAT3220

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
3201.2006.01.1.2
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com