Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3221 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3221 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3221
Download  AAT3221 Download
File Size   194.56 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA NanoPower??LDO Linear Regulator

AAT3221 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3221 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3221
Download  AAT3221 Click to download

File Size   194.56 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA NanoPower??LDO Linear Regulator

AAT3221 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3221 Product details

General Description
The AAT3221 and AAT3222 PowerLinear NanoPower low dropout (LDO) linear regulators are ideal for portable applications where extended battery life is critical. These devices feature extremely low quiescent current, typically 1.1µA. Dropout voltage is also very low, typically less than 200mV at the maximum output current of 150mA. The AAT3221/2 have an enable pin feature which, when asserted, will enter the LDO regulator into shutdown mode, removing power from its load and offering extended power conservation capabilities for portable battery-powered applications.

Features
• 1.1µA Quiescent Current
• Low Dropout: 200mV (typical)
• Guaranteed 150mA Output
• High Accuracy: ±2%
• Current Limit Protection
• Over-Temperature Protection
• Extremely Low Power Shutdown Mode
• Low Temperature Coefficient
• Factory-Programmed Output Voltages
    — 1.6V to 3.5V
• Stable Operation With Virtually Any Output Capacitor Type
• Active High or Low Enable Pin
• 4kV ESD
• 5-Pin SOT23 or 8-Pin SC70JW Package
• -40°C to +85°C Temperature Range

Applications
• Cellular Phones
• Digital Cameras
• Handheld Electronics
• Notebook Computers
• PDAs
• Portable Communication Devices
• Remote Controls




Similar Part No. - AAT3221

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
150mA NanoPower??LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3221 SKYWORKS-AAT3221 Datasheet
1Mb / 18P
150 mA NanopowerTM LDO Linear Regulator
May 17, 2013
AAT3221IGV-1.6-T1 SKYWORKS-AAT3221IGV-1.6-T1 Datasheet
1Mb / 18P
150 mA NanopowerTM LDO Linear Regulator
May 17, 2013
logo
Advanced Analogic Techn...
AAT3221IGV-1.7-T1 ANALOGICTECH-AAT3221IGV-1.7-T1 Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3221IGV-1.7-T1 SKYWORKS-AAT3221IGV-1.7-T1 Datasheet
1Mb / 18P
150 mA NanopowerTM LDO Linear Regulator
May 17, 2013
More results


Similar Description - AAT3221

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
3201.2006.01.1.2
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com