Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK3568 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK3568 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK3568
Download  RK3568 Download
File Size   605.55 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high-performanceand low power quad-core application processor

RK3568 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK3568 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK3568
Download  RK3568 Click to download

File Size   605.55 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high-performanceand low power quad-core application processor

RK3568 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK3568 Product details

Features
CPU
Quad-core ARM Cortex-AS5 processor
GPU
ARM G52-26E
OpenGL ES1.1/2.0/3.0/3.1/3.2, Vulkan 1.1,
OpenCL2.1
NPU
1TOPs@INT8
Support INTS/INT16/FP16/BFP16
Support deep learning frameworks:
TensorFlow, Caffe, Tilite, Pytorch, Onnx,
Android NN, etc
Memory
32bit DDR4/3/3L/LPDDR4/4X/3
DRR4 and DDR3 support ECC
Support eMMC5.1, SFC
Display
Multiple display engine, max 3 screen support
HDMI2.0
eDP13
Dual MIPDSI, combowith single LVDS
24bit RGB/BT1120
EBC interface
Multi-Media
4K H.265/H.264/VP9 video decoder
1080p@60fps H.264/H.265 video encoder
Video Input
8M Pixel ISP with HDR&3DNR
1*4lanes or 2*2lanes MIPI CS12 and DVP
interface
Audio Interface
1250/1251 with 8 channels
1252/1253 with 2 channels
SPDIFO
PDMO with 8 channels
TDMO with 8 channels
VAD (Voice Activity Detection)
High Speed Interface
One USB 3.0 host, three SATA 3.0,
one USB 3.0 OTG, one PCle 2.1, one QSGMII
Share three serdes lanes
Dual USB 2.0 host
PCle 3.0,1*2lanes or 2'1 lane
Dual RGMIl interface
Security
ARM Trustzone security extension
Secure Video Path
Secure JTAG to debug
Secure boot
otp
Crypto (AES/TDES/SM4/SM3/SHA256/SHAS12 /RSA)
SDK
Linux4.19 &5.10
Android11&12
Device Information
Package: « FCBGAG36L & FCCSP636L
Body: 19mm x 19mm
Ball pitch: 0.65mm




Similar Part No. - RK3568

ManufacturerPart #DatasheetDescription
logo
Rockchip Electronics Co...
RK3566 ROCKCHIP-RK3566 Datasheet
557Kb / 3P
A high-performance and low power quad-core application processor
More results


Similar Description - RK3568

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
logo
Intel Corporation
STCK1A8LFC INTEL-STCK1A8LFC Datasheet
312Kb / 4P
Quad-core Intel짰 Atom??processor
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
high-performance Quad-core application processor
Revision 1.2 Feb. 2018
RK3566 ROCKCHIP-RK3566 Datasheet
557Kb / 3P
A high-performance and low power quad-core application processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com