Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK3566 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK3566 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK3566
Download  RK3566 Download
File Size   557.39 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high-performance and low power quad-core application processor

RK3566 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK3566 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK3566
Download  RK3566 Click to download

File Size   557.39 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high-performance and low power quad-core application processor

RK3566 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK3566 Product details

Features
CPU Audio Interface
« Quad-core ARM Cortex-AS5 processor « 1250/1251 with 8 channels
GPU « 12521253 with 2 channels
- SPDIFO
+ ARMGS2-2EE .
« PDMOwith 8 channels
+ OpenGLESL1/2.0/3.0/3.1/3.2, Vulkan L1, N
« TDMOwith 8 channels
OpenCL2.1 .
« VAD (Voice Activity Detection)
NPU N
High Speed Interface
« 1TOPS@INTS
+ OneUSB 3.0 Host, two Sata3.0, one PCIE2.1,
« SupportINT8/INT16/FP16/BFP16
, Share two serdes lanes
« Support deep learning frameworks:
& « Dual USB 2.0 host and one USB 2.0 otg
TensorFlow, Caffe, Tlite, Pytorch, Onnx, . .
i « Single RGMIl interface
Android NN, etc
Securit)
Memory Y )
y « ARM Trustzone security extension
« 32bit DDR4/3/3L/LPDDR4/4X/3 .
« Secure Video Path
« SupporteMMC5.1, SFC
B « Secure JTAG to debug
Display « Secure boot
« Singledisplay engine . orp
« HDMI20 « Crypto (AES/TDES/SM4/SM3/SHA256/SHAS12 /RSA)
.« eDP13 SDK
« Dual MIPI-DSI, combo withsingle LVDS .
N + Linud.19&5.10
« 24bitRGB/BT1120 .
« Android11&12
- EBCinterface
. . Device Information
Multi-Media )
Package: + FCCSPS65L
+ 4KH.265/H.264/P9 video decoder ackage:
N Body: 15.5mm x 14.4mm
« 1080p@60fps H.264/H.265 video encoder §
o Ball pitch: 0.4mm+0.6mm
Video input
« 8MPixel ISP
« 1*4lanes or 2*2lanes MIPI CSI-2 and DVP interface




Similar Part No. - RK3566

ManufacturerPart #DatasheetDescription
logo
Rockchip Electronics Co...
RK3568 ROCKCHIP-RK3568 Datasheet
605Kb / 3P
A high-performanceand low power quad-core application processor
More results


Similar Description - RK3566

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
High performance e200z335 core processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
High performance ??Intel Core i7/Core i5 processor technology
logo
Intel Corporation
STCK1A8LFC INTEL-STCK1A8LFC Datasheet
312Kb / 4P
Quad-core Intel짰 Atom??processor
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
high-performance Quad-core application processor
Revision 1.2 Feb. 2018
RK3568 ROCKCHIP-RK3568 Datasheet
605Kb / 3P
A high-performanceand low power quad-core application processor
RK3588 ROCKCHIP-RK3588 Datasheet
600Kb / 3P
A high performance, low power AloT processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com