Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK3588 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK3588 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK3588
Download  RK3588 Download
File Size   600.57 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high performance, low power AloT processor

RK3588 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK3588 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK3588
Download  RK3588 Click to download

File Size   600.57 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high performance, low power AloT processor

RK3588 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK3588 Product details

Features
CPU
‘Quadcore ARM CortexATS processor and quac-core ARM
Cortex-Ass processor
Integated 64KB L1 nstruction cache, 64KB L1 data cache
and 512KB L2 cache for each CortexAT6
Integated 32KB L1 instruction cache, 3268 L1 data cache
and 128KB L2 cache for each CortexAs5
Big cluster and ltle cluster share 3B L3 cache
MCU for low power control
GPU
ARM MaliGEL0MCA
High performanceOpenGLES 1.1, 2.0and 3.2, OpenCL 2.2,
Vulkan1 2 etc
Embedded 4 shader cores with shared hierarchical tler
NPU
6TOPs@intS
Supportint4/ints/int16/FP16/BF16/TF32
Support deep learning frameworks: TensorFlow, Caffe,
ilite, Pytorch, Onnx NN, Android N, etc
Memory
64bit LPDDR4/LPDDR4X/LPDDRS
Support eMMC 5.1 with HS400, SDIO 3.0 with HS200,
Ny, SFC
Multi-Media
H.265/H.264)VP/AVL/AVS2 video decoder, upto
8Ka6dfps
H.264 AVC/MVC Main10 L6 0: 8K@301ps (7680¢4320)
VP9 Profiled/2 L6.1: 3K@60fps (7680x4320)
H.265 HEVC/MVC Main10 L6.1: BK@60fps (1680x4320)
AVS2 Profile0/2 L10.2.6: 8K@601ps (7680x4320)
AV Main Profile8/10bit L5 3 4K@60fps (3640:2160)
1080P other video decoders (VC-1, MPEG-1/2/4, VP8, AVS1)
MPEG-Lup to MP: 1080p@60fps (1920¢1085)
MPEG-2up to MP: 1080p@50fps (1920¢1085)
VC-Lup to AP level 3: 1080p@60fps (19201068)
P version2: 1080p@60fps (1920x1088)
8K@3fps video encoders for H.264H.265
Video Input
48M Pivel ISP with HORBIDNR
Multple (4*4lanes or 4*2lanes+2"4Lanes) MIPICSk2
and VP interface
HOMI 20 input to 4K@E0fps
Display
Multple display engine max to 86
Dual HOMIZ1/eDP V1.4 Combo interface.
Dual MIPLDSI T, 4 anes
Dual DP VL3 embed n USB 3.1, Audio, HDCP2.x
Audio Interface
1250/251 with 8 channels
12521253 ith 2 channels
SPDIFD/SPOIFL
POMO/POML with 8 charnels
Digital Audio Codec with channels
VAD (Voice Activity Detection)
High Speed Interface
Dual port USB 3.1 with type.C &DP.
Dual port USB 2.0 0T &dual port USB 2 host
PCle 3.0, 4 anes or 202 lanes or 4x lane
Three port PCle 20/SATAS.0
Dual RGMilnterface
Security
ARM Trustzone security extension
Secure boot
Secure JTAG to debug
Key ladder
Crypto (RSA 2K, HAS 256-+)
HOCP 2.xfor HOMIand DP/eDP
SDK
Linus 10
Android12
Device Information
Package « Package: FCBGALOSEL
Body: 23mmx 23mm
Ballpitch: 0.65mm




Similar Part No. - RK3588

ManufacturerPart #DatasheetDescription
logo
Rockchip Electronics Co...
RK3566 ROCKCHIP-RK3566 Datasheet
557Kb / 3P
A high-performance and low power quad-core application processor
RK3568 ROCKCHIP-RK3568 Datasheet
605Kb / 3P
A high-performanceand low power quad-core application processor
More results


Similar Description - RK3588

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68349 MOTOROLA-MC68349 Datasheet
211Kb / 7P
HIGH PERFORMANCE INTEGRATED PROCESSOR
logo
Silicon Laboratories
SI4613-A10 SILABS-SI4613-A10 Datasheet
985Kb / 3P
Low-Power, High-Performance AM/FM HD Radio Baseband Processor
SI4614-A10 SILABS-SI4614-A10 Datasheet
990Kb / 3P
Low-Power, High-Performance DAB/DAB Baseband Processor
logo
Texas Instruments
LM97600 TI1-LM97600_15 Datasheet
1Mb / 58P
High Performance, Low Power A/D
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
logo
Rockchip Electronics Co...
RK3288 ROCKCHIP-RK3288 Datasheet
1Mb / 72P
RK3288 are low power, high performance processor for mobile phones
logo
Skyworks Solutions Inc.
SI4613-A10 SKYWORKS-SI4613-A10 Datasheet
695Kb / 3P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
September 12, 2021
SI4614-A10 SKYWORKS-SI4614-A10 Datasheet
683Kb / 3P
Low-Power, High-Performance DAB/DAB Baseband Processor
August 22, 2021
SI4693 SKYWORKS-SI4693 Datasheet
826Kb / 5P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
December 6, 2021
logo
Rockchip Electronics Co...
RK3566 ROCKCHIP-RK3566 Datasheet
557Kb / 3P
A high-performance and low power quad-core application processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com