Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK816-1 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK816-1 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK816-1
Download  RK816-1 Download
File Size   2910.61 Kbytes
Page   78 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input

RK816-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK816-1 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK816-1
Download  RK816-1 Click to download

File Size   2910.61 Kbytes
Page   78 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input

RK816-1 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK816-1 Product details

Feature
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Switch mode bi-directional Li-ion battery charger providing charging current up to 2.4A, 2MHz switching frequency for charger and boost
Power path controller with 4A current path
Accurate battery fuel gauge
Real time clock RTC
Low standby current of less than 45uA (at 32KHz clock frequency)
2MHz switching frequency for buck converters
Fast transient response due to the current mode architecture
Internal frequency compensation and soft start
Programmable output voltage and power up/power down sequence through I2C interface
Proprietary circuit architecture achieving high efficiency
Internal discharge path in off state for bucks and LDOs (configurable through I2C interface)
Power channels:
 CH1: Synchronous buck converter, 2A max
 CH 2: Synchronous buck converter, 2A max
 CH 3: Synchronous buck converter, 1A max
 CH 4: Synchronous buck converter, 1A max
 CH 5: Synchronous boost converter, 0.8A max
 CH 6, CH7, CH9, CH10, CH11: low drop out voltage regulator, 300mA max
 CH 8: low noise, high PSRR low drop out voltage regulator, 100mA max
 CH 12 OTG switch, 0.8A max
Fixed and programmable power up/power down sequences
package: 5mm x 5mm QFN40




Similar Part No. - RK816-1

ManufacturerPart #DatasheetDescription
logo
Rockchip Electronics Co...
RK816B ROCKCHIP-RK816B Datasheet
1Mb / 78P
Rockchip RK816B Datasheet
Revision 1.4 Mar.2019
More results


Similar Description - RK816-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX17222EVKIT MAXIM-MAX17222EVKIT Datasheet
484Kb / 7P
400mV to 5.5V Input Range
Rev 5; 9/20
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20070EVKIT MAXIM-MAX20070EVKIT Datasheet
572Kb / 13P
2.7V to 5.5V Input Range for TFT Power Section
Rev 1; 9/15
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
4.5V to 28V Input Range
Rev 0; 4/11
MAX25222EVKIT MAXIM-MAX25222EVKIT Datasheet
4Mb / 14P
2.65V to 5.5V Input Range
Rev 0; 7/20
MAX25220EVKIT MAXIM-MAX25220EVKIT Datasheet
4Mb / 12P
2.65V to 5.5V Input Range
2021
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
4.5V to 10V Input Range
2013
logo
Rockchip Electronics Co...
RK818 ROCKCHIP-RK818 Datasheet
3Mb / 93P
Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
Revision 1.0 July.2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com