Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK818 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK818
Download  RK818 Download
File Size   3568.78 Kbytes
Page   93 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input

RK818 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK818 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK818
Download  RK818 Click to download

File Size   3568.78 Kbytes
Page   93 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input

RK818 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK818 Product details

Feature
 Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
 Switch mode Li-ion battery charger providing charging current up to 3A.
 Power path controller with 5A current path.
 Accurate battery fuel gauge.
 Real time clock RTC
 Low standby current of less than 40uA (at 32KHz clock frequency)
 2MHz switching frequency for the buck converters
 1MHz switching frequency for the boost converter
 Fast transient response due to the current mode architecture
 Internal frequency compensation and soft start
 Programmable output voltage and power up/down sequence through I2C interface
 Proprietary circuit architecture achieving high efficiency
 Internal discharge path in off state for BUCs and LDOs
 Power channels:
 Ch1: Synchronous buck converter, 4A max
 Ch2: Synchronous buck converter, 4A max
 Ch3: Synchronous buck converter, 2.5A max
 Ch4: Synchronous buck converter, 2.5A max
 Ch5: Synchronous boost converter, 2.5A max
 Ch6 7, Ch9 and Ch11: LDOs, 150mA max
 Ch8: Low noise, high PSRR LDO ,100mA max
 Ch10, 12,14: LDOs, 300mA max
 Ch13: LDO, 400mA max
 Ch15: Low Rdson switch,0.15ohm Vgs=3V
 Ch16: HDMI5V switch 80mA max
 Ch17 OTG switch 800mA max
 Fixed and programmable power up/down sequences
 Package: 7mmx7mm QFN68




Similar Part No. - RK818

ManufacturerPart #DatasheetDescription
logo
Rockchip Electronics Co...
RK816 ROCKCHIP-RK816 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
RK816-1 ROCKCHIP-RK816-1 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
RK816-2 ROCKCHIP-RK816-2 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
RK816-3 ROCKCHIP-RK816-3 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
RK816B ROCKCHIP-RK816B Datasheet
1Mb / 78P
Rockchip RK816B Datasheet
Revision 1.4 Mar.2019
More results


Similar Description - RK818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
Wide 4.5V to 36V Input Range
Rev 0; 3/19
MAX20812EVKIT MAXIM-MAX20812EVKIT Datasheet
2Mb / 19P
2.7V to 16V Input Voltage Range
Rev 1; 3/21
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20070EVKIT MAXIM-MAX20070EVKIT Datasheet
572Kb / 13P
2.7V to 5.5V Input Range for TFT Power Section
Rev 1; 9/15
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
4.5V to 28V Input Range
Rev 0; 4/11
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
4.5V to 42V Input Supply Range
Rev 0; 8/19
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
4.5V to 10V Input Range
2013
MAX1687EVKIT MAXIM-MAX1687EVKIT Datasheet
114Kb / 4P
2.7V to 6V Input Voltage Range
1999
logo
Rockchip Electronics Co...
RK816 ROCKCHIP-RK816 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com