Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0002RH Datasheet (PDF) - M.S. Kennedy Corporation

MSK0002RH Datasheet PDF - M.S. Kennedy Corporation
Part # MSK0002RH
Download  MSK0002RH Download
File Size   590.1 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER

MSK0002RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK0002RH Datasheet PDF - M.S. Kennedy Corporation

Part # MSK0002RH
Download  MSK0002RH Click to download

File Size   590.1 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER

MSK0002RH Datasheet (HTML) - M.S. Kennedy Corporation


MSK0002RH Product details

DESCRIPTION:
The MSK 0002RH is a general purpose current amplifier. It is the industry wide RAD tolerant replacement for the LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current output. The MSK 0002RH is designed with a symmetrical output stage that provides low output impedances to both the positive and negative portions of output pulses.

FEATURES:
• Radiation Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
• Radiation Hardened LH0002 Replacement
• High Input Impedance-180KΩMin
• Low Output Impedance-10ΩMax
• Low Harmonic Distortion
• DC to 30 MHz Bandwidth
• Slew Rate is Typically 400 V/μS
• Operating Range from±5V to ±20V
• Available to DSCC SMD 5962-78013
• Equivalent Non Rad Hard Device MSK 0002

TYPICAL APPLICATIONS
• High Speed D/A Conversion
• 30MHz Buffer
• Line Driver
• Precision Current Source




Similar Part No. - MSK0002RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002RH MSK-MSK0002RH_15 Datasheet
305Kb / 5P
Radiation Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
More results


Similar Description - MSK0002RH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
Rad-Tolerant Class-V, High-Speed PWM Controller
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com