Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0002 Datasheet (PDF) - Anaren Microwave

MSK0002 Datasheet PDF - Anaren Microwave
Part # MSK0002
Download  MSK0002 Download
File Size   135.66 Kbytes
Page   5 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description HIGH SPEED, BUFFER AMPLIFIER

MSK0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK0002 Datasheet PDF - Anaren Microwave

Part # MSK0002
Download  MSK0002 Click to download

File Size   135.66 Kbytes
Page   5 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description HIGH SPEED, BUFFER AMPLIFIER

MSK0002 Datasheet (HTML) - Anaren Microwave


MSK0002 Product details

DESCRIPTION:
The MSK 0002 is a general purpose current amplifier. It is the industry wide replacement for the LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current output. The MSK 0002 is designed with a symmetrical output stage that provides low output impedances to both the positive and negative portions of output pulses. The MSK 0002 is packaged in a hermetic 8 lead low profile T0-5 header and is specified over the full military temperature range.

FEATURES:
• Industry Wide LH0002 Replacement
• High Input Impedance-180KΩ Min
• Low Output Impedance-10Ω Max
• Low Harmonic Distortion
• DC to 30 MHz Bandwidth
• Slew Rate is Typically 400 V/μS
• Operating Range from±5V to ±20V
• Available to DSCC SMD5962-7801301XC
• Equivalent Rad Hard Device MSK 0002RH

TYPICAL APPLICATIONS
• High Speed D/A Conversion
• 30MHz Buffer
• Line Driver
• Precision Current Source




Similar Part No. - MSK0002

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER AMP
MSK0002ERH MSK-MSK0002ERH Datasheet
590Kb / 7P
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
MSK0002H MSK-MSK0002H Datasheet
289Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER AMP
MSK0002HRH MSK-MSK0002HRH Datasheet
590Kb / 7P
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002HRH ANAREN-MSK0002HRH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results


Similar Description - MSK0002

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
HIGH-SPEED BUFFER AMPLIFIER
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
logo
M.S. Kennedy Corporatio...
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
High-speed Buffer Amplifier for CCD Image Sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com