Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4800 Datasheet (PDF) - Analog Devices

ADA4800 Datasheet PDF - Analog Devices
Part # ADA4800
Download  ADA4800 Download
File Size   221.18 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Speed CCD Buffer Amplifier

ADA4800 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4800 Datasheet PDF - Analog Devices

Part # ADA4800
Download  ADA4800 Click to download

File Size   221.18 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Speed CCD Buffer Amplifier

ADA4800 Datasheet (HTML) - Analog Devices


ADA4800 Product details

GENERAL DESCRIPTION

The ADA4800 is voltage buffer integrated with an active load. The buffer is a low power, high speed, low noise, high slew rate, fast settling, fixed gain of 1 monolithic amplifier for charge coupled device (CCD) applications.



FEATURES

Integrated active load and gain of 1 buffer

Very low buffer power consumption 

   As low as 20 mW on chip

Power save feature to reduce active load current by GPO control

High buffer speed

  400 MHz, −3 dB bandwidth

  415 V/μs slew rate

Fast settling time to 1%, 2 V step: 5 ns

Adjustable buffer bandwidth

Push-pull output stage

Adjustable active load current

Small package: 1.6 mm × 1.6 mm × 0.55 mm



APPLICATIONS

CCD image sensor output buffer

Digital still cameras

Camcorders




Similar Part No. - ADA4800

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4805-1AKSZ-EBZ AD-ADA4805-1AKSZ-EBZ Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4805-1AKSZ-R2 AD-ADA4805-1AKSZ-R2 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4805-1AKSZ-R7 AD-ADA4805-1AKSZ-R7 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4805-1ARJZ-EBZ AD-ADA4805-1ARJZ-EBZ Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
More results


Similar Description - ADA4800

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
HIGH-SPEED BUFFER AMPLIFIER
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Intersil Corporation
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
July 1994
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
High-speed Buffer Amplifier for CCD Image Sensor
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com