Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0002H Datasheet (PDF) - M.S. Kennedy Corporation

MSK0002H Datasheet PDF - M.S. Kennedy Corporation
Part # MSK0002H
Download  MSK0002H Download
File Size   289.2 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH SPEED, BUFFER AMPLIFIER AMP

MSK0002H Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK0002H Datasheet PDF - M.S. Kennedy Corporation

Part # MSK0002H
Download  MSK0002H Click to download

File Size   289.2 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH SPEED, BUFFER AMPLIFIER AMP

MSK0002H Datasheet (HTML) - M.S. Kennedy Corporation


MSK0002H Product details

DESCRIPTION:
The MSK 0002 is a general purpose current amplifier. It is the industry wide replacement for the LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current output. The MSK 0002 is designed with a symmetrical output stage that provides low output impedances to both the positive and negative portions of output pulses. The MSK 0002 is packaged in a hermetic 8 lead low profile T0-5 header and is specified over the full military temperature range.

FEATURES:
• Industry Wide LH0002 Replacement
• High Input Impedance-180KΩ Min
• Low Output Impedance-10Ω Max
• Low Harmonic Distortion
• DC to 30 MHz Bandwidth
• Slew Rate is Typically 400 V/µS
• Operating Range from–5V to –20V
• Available to DSCC SMD5962-7801301XC

TYPICAL APPLICATIONS
• High Speed D/A Conversion
• 30MHz Buffer
• Line Driver
• Precision Current Source




Similar Part No. - MSK0002H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0002H ANAREN-MSK0002H Datasheet
135Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002HRH MSK-MSK0002HRH Datasheet
590Kb / 7P
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002HRH ANAREN-MSK0002HRH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results


Similar Description - MSK0002H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
HIGH-SPEED BUFFER AMPLIFIER
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Intersil Corporation
EL2008 INTERSIL-EL2008 Datasheet
268Kb / 8P
55MHz 1 Amp Buffer Amplifier
December 23, 1999
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
logo
M.S. Kennedy Corporatio...
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com