Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6575B Datasheet (PDF) - Richtek Technology Corporation

RT6575B Datasheet PDF - Richtek Technology Corporation
Part # RT6575B
Download  RT6575B Download
File Size   275.69 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs

RT6575B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6575B Datasheet PDF - Richtek Technology Corporation

Part # RT6575B
Download  RT6575B Click to download

File Size   275.69 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs

RT6575B Datasheet (HTML) - Richtek Technology Corporation


RT6575B Product details

Features
Support Connected Standby Mode for Ultrabook
CCRCOT Control with 100ns Load Step Response
PWM Maximum Duty Ratio > 98%
5V to 25V Input Voltage Range
Dual Adjustable Output :
 CH1 : 2V to 5.5V
 CH2 : 2V to 4V
5V/3.3V LDOs with 100mA Output Current
1% Accuracy on 3.3V LDO Output
Oscillator Driving Output for Charge Pump
Application
Internal Frequency Setting
 300kHz/355kHz (CH1/CH2)
Internal Soft-Start and Soft-Discharge
4700ppm/°C RDS(ON) Current Sensing
Independent Switcher Enable Control
Built-in OVP/UVP/OCP/OTP
Non-Latch UVLO
Power Good Indicator
RoHS Compliant and Halogen Free




Similar Part No. - RT6575B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575CGQW RICHTEK-RT6575CGQW Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575D RICHTEK-RT6575D Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575DGQW RICHTEK-RT6575DGQW Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575K RICHTEK-RT6575K Datasheet
963Kb / 23P
High Efficiency Single Synchronous DC-DC Step-Down Controller with 5V LDO
August 2023
More results


Similar Description - RT6575B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
Synchronous DC-DC Step-Down Controller with 5V LDO
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com