Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6575K Datasheet (PDF) - Richtek Technology Corporation

RT6575K Datasheet PDF - Richtek Technology Corporation
Part # RT6575K
Download  RT6575K Download
File Size   963.02 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous DC-DC Step-Down Controller with 5V LDO

RT6575K Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6575K Datasheet PDF - Richtek Technology Corporation

Part # RT6575K
Download  RT6575K Click to download

File Size   963.02 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous DC-DC Step-Down Controller with 5V LDO

RT6575K Datasheet (HTML) - Richtek Technology Corporation


RT6575K Product details

General Description
RT6575K is a single-channel step-down controller
generating supply voltage for battery-powered systems.
It includes a Pulse-Width Modulation (PWM) controller
adjustable from 2V to 5.5V, and a fixed 5V linear
regulator. The linear regulator provides up to 100mA
output current. Other features include on-board powerup sequencing, a power-good output, internal soft-start,
and soft-discharge output that prevents negative
voltage during shutdown.
A constant current ripple PWM control scheme operates
without sense resistors and provides 100ns response to
load transient. For maximizing power efficiency, the
RT6575K automatically switches to the diode-emulation
mode in light load applications. The RT6575K is
available in the VQFN-16L 3x3 package.

Features
⚫ CCRCOT Control with 100ns Load Step Response
⚫ PWM Maximum Duty Ratio > 98%
⚫ 5V to 25V Input Voltage Range
⚫ 2V to 5.5V Output Voltage Range
⚫ 5V LDO with 100mA Output Current
⚫ Two Selectable Frequency Settings
⚫ Internal Soft-Start and Soft-Discharge
⚫ 4700ppm/°C RDS(ON) Current Sensing
⚫ Independent Switcher Enable Control
⚫ Built-in OVP/UVP/OCP/OTP
⚫ Non-Latch UVLO
⚫ Power Good Indicator
⚫ RoHS Compliant and Halogen Free

Applications
⚫ Notebook and Sub-Notebook Computers
⚫ System Power Supplies




Similar Part No. - RT6575K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6575AGQW RICHTEK-RT6575AGQW Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6575B RICHTEK-RT6575B Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6575BGQW RICHTEK-RT6575BGQW Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Similar Description - RT6575K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
Synchronous DC-DC Step-Down Controller with 5V LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com