Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY69753ALHG Datasheet (PDF) - Micrel Semiconductor

SY69753ALHG Datasheet PDF - Micrel Semiconductor
Part # SY69753ALHG
Download  SY69753ALHG Download
File Size   499.61 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 125Mbps, 155Mbps Clock and Data Recovery

SY69753ALHG Datasheet (PDF)

Go To PDF Page Download Datasheet
SY69753ALHG Datasheet PDF - Micrel Semiconductor

Part # SY69753ALHG
Download  SY69753ALHG Click to download

File Size   499.61 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 125Mbps, 155Mbps Clock and Data Recovery

SY69753ALHG Datasheet (HTML) - Micrel Semiconductor


SY69753ALHG Product details

General Description
The SY69753AL is a complete Clock Recovery and Data Retiming integrated circuit for OC-3/STS-3 applications at 155Mbps NRZ. The device is ideally suited for SONET/SDH/ATM applications and other high-speed data transmission systems.

Features
• 3.3V power supply
• SONET/SDH/ATM compatible
• Clock and data recovery for 125Mbps/155Mbps NRZ data stream
• Two on-chip PLLs: one for clock generation and another for clock recovery
• Selectable reference frequencies
• Differential PECL high-speed serial I/O
• Line receiver input: no external buffering needed
• Link fault indication
• 100k ECL compatible I/O
• Industrial temperature range (–40°C to +85°C)
• Lower power: fully compatible with Micrel’s SY87701V, but with 30% less power
• Available in 32-pin EPAD-TQFP

Applications
• Ethernet media converter(m)
• SONET/SDH/ATM OC-3
• Proprietary architecture at 120Mbps to 180Mbps




Similar Part No. - SY69753ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753ALHG MICREL-SY69753ALHG Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
logo
Microchip Technology
SY69753ALHG MICROCHIP-SY69753ALHG Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
August 2007
logo
Micrel Semiconductor
SY69753ALHGTR MICREL-SY69753ALHGTR Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
logo
Microchip Technology
SY69753ALHGTR MICROCHIP-SY69753ALHGTR Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
August 2007
More results


Similar Description - SY69753ALHG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Micrel Semiconductor
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY69753AL MICREL-SY69753AL_07 Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com