Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87701ALHG Datasheet (PDF) - Micrel Semiconductor

SY87701ALHG Datasheet PDF - Micrel Semiconductor
Part # SY87701ALHG
Download  SY87701ALHG Download
File Size   158.18 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery

SY87701ALHG Datasheet (PDF)

Go To PDF Page Download Datasheet
SY87701ALHG Datasheet PDF - Micrel Semiconductor

Part # SY87701ALHG
Download  SY87701ALHG Click to download

File Size   158.18 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery

SY87701ALHG Datasheet (HTML) - Micrel Semiconductor


SY87701ALHG Product details

DESCRIPTION
The SY87701AL is a complete Clock Recovery and Data Retiming integrated circuit for data rates from 28Mbps up to 1.3Gbps NRZ. The device is ideally suited for SONET/SDH/ATM and Fibre Channel applications and other high-speed data transmission systems.

FEATURES
■ Industrial temperature range (–40°C to +85°C)
■ 3.3V power supply
■ Clock and data recovery from 28Mbps up to 1.3Gbps NRZ data stream, clock generation from 28Mbps to 1.3Gbps
■ Complies with Bellcore, ITU/CCITT and ANSI specifications for applications such as OC-1, OC-3, OC-12, ATM, FDDI, Fibre Channel and Gigabit Ethernet as well as proprietary applications
■ Two on-chip PLLs: one for clock generation and another for clock recovery
■ Selectable reference frequencies
■ Differential PECL high-speed serial I/O
■ Line receiver input: no external buffering needed
■ Link fault indication
■ 100k ECL compatible I/O
■ Lower power: fully compatible with Micrels SY87701V, but with 30% less power
■ Available in 32-pin EPAD-TQFP and 28-pin SOIC packages (28-pin SOIC is available, but NOT recommended for new designs.)

APPLICATIONS
■ SONET/SDH/ATM OC-1, OC-3, OC-12, OC-24
■ Fibre Channel, Escon, SMPTE 259
■ Gigabit Ethernet/Fast Ethernet
■ Proprietary architecture up to 1.3Gbps




Similar Part No. - SY87701ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701ALHG MICREL-SY87701ALHG Datasheet
151Kb / 15P
3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results


Similar Description - SY87701ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com