Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTT Datasheet (PDF) - Samtec, Inc

PTT Datasheet PDF - Samtec, Inc
Part # PTT
Download  PTT Download
File Size   240.4 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description (2.00 mm) .0787" PITCH

PTT Datasheet (PDF)

Go To PDF Page Download Datasheet
PTT Datasheet PDF - Samtec, Inc

Part # PTT
Download  PTT Click to download

File Size   240.4 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description (2.00 mm) .0787" PITCH

PTT Datasheet (HTML) - Samtec, Inc




Similar Part No. - PTT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTT BOURNS-PTT Datasheet
483Kb / 5P
12 mm Potentiometer
REV. 02/17
logo
Micro Electronics
PTT-1616 MICRO-ELECTRONICS-PTT-1616 Datasheet
435Kb / 2P
MODEM TRANSFORMER
PTT-1617 MICRO-ELECTRONICS-PTT-1617 Datasheet
435Kb / 2P
MODEM TRANSFORMER
PTT-1618 MICRO-ELECTRONICS-PTT-1618 Datasheet
435Kb / 2P
MODEM TRANSFORMER
logo
Bourns Electronic Solut...
PTT111 BOURNS-PTT111 Datasheet
112Kb / 2P
11mm Potentiometer
More results


Similar Description - PTT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EBTF-RA SAMTEC-EBTF-RA Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
EBTM SAMTEC-EBTM Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EBCM SAMTEC-EBCM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 30SEP21
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com