Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3384 Datasheet (PDF) - NXP Semiconductors

CBT3384 Datasheet PDF - NXP Semiconductors
Part # CBT3384
Download  CBT3384 Download
File Size   106.23 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-bit bus switch with 5-bit output enables and Schottky undershoot protection

CBT3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3384 Datasheet PDF - NXP Semiconductors

Part # CBT3384
Download  CBT3384 Click to download

File Size   106.23 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-bit bus switch with 5-bit output enables and Schottky undershoot protection

CBT3384 Datasheet (HTML) - NXP Semiconductors


CBT3384 Product details

DESCRIPTION
The CBT3384 provides ten bits of high-speed TTL-compatible bus switching. The low on-state resistance of the switch allows connections to be made with minimal propagation delay.
   
FEATURES
• 5 Ω switch connection between two ports
• TTL compatible control input and output levels
• See CBTS3384 for CBT3384 with Schottky diode undershoot
    protection
• See CBTD3384 for CBT3384 with level shifting diodes
• Latch-up is done to JESDEC Standard JESD78 which exceeds
    100 mA
• ESD classification testing is done to JESDEC Standard JESD22.
    Protection exceeds 2000 V to HBM per method A114 and
    1000 V CDM per method C101.
   




Similar Part No. - CBT3384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3384 PHILIPS-CBT3384 Datasheet
105Kb / 14P
10-bit bus switch with 5-bit output enables
Rev. 06-2 November 2009
logo
Nexperia B.V. All right...
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
logo
Texas Instruments
CBT3384A TI-CBT3384A Datasheet
296Kb / 12P
10-BIT FET BUS SWITCH
logo
Nexperia B.V. All right...
CBT3384D NEXPERIA-CBT3384D Datasheet
213Kb / 11P
10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
CBT3384PW NEXPERIA-CBT3384PW Datasheet
213Kb / 11P
10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
More results


Similar Description - CBT3384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTS3384 PHILIPS-CBTS3384 Datasheet
112Kb / 11P
10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
10-Bit Bus Switch with −2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBT3384 PHILIPS-CBT3384_15 Datasheet
105Kb / 14P
10-bit bus switch with 5-bit output enables
Rev. 06-2 November 2009
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with 5-bit output enables
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com