Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3384 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3384 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3384
Download  CBT3384 Download
File Size   213.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit bus switch with 5-bit output enables

CBT3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3384 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3384
Download  CBT3384 Click to download

File Size   213.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit bus switch with 5-bit output enables

CBT3384 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3384 Product details

1. General description
The CBT3384 provides ten bits of high-speed TTL-compatible bus switching. The low
ON resistance of the switch allows connections to be made with minimal propagation delay.
The CBT3384 device is organized as two 5-bit bus switches with two separate output enable (1OE,
2OE) inputs. When nOE is LOW, the switch is on and port A is connected to the B port. When nOE
is HIGH, each switch is disabled.
2. Features
• 5 Ω switch connection between two ports
• TTL-compatible control input levels
• See CBTD3384 for CBT3384 with level shifting diodes
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - CBT3384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3384 PHILIPS-CBT3384 Datasheet
106Kb / 10P
10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2001 Dec 20
CBT3384 PHILIPS-CBT3384 Datasheet
105Kb / 14P
10-bit bus switch with 5-bit output enables
Rev. 06-2 November 2009
logo
Texas Instruments
CBT3384A TI-CBT3384A Datasheet
296Kb / 12P
10-BIT FET BUS SWITCH
logo
NXP Semiconductors
CBT3384D PHILIPS-CBT3384D Datasheet
106Kb / 10P
10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2001 Dec 20
CBT3384DB PHILIPS-CBT3384DB Datasheet
106Kb / 10P
10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2001 Dec 20
More results


Similar Description - CBT3384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
CBT3384 PHILIPS-CBT3384_15 Datasheet
105Kb / 14P
10-bit bus switch with 5-bit output enables
Rev. 06-2 November 2009
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with 5-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com