Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT16210 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT16210 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT16210
Download  CBT16210 Download
File Size   197.49 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit bus switch with 10-bit output enables

CBT16210 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT16210 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT16210
Download  CBT16210 Click to download

File Size   197.49 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit bus switch with 10-bit output enables

CBT16210 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT16210 Product details

FEATURES
• 5W switch connection between two ports
• TTL compatible control input levels
• Package options include shrink small outline (SSOP) and thin
shrink small outline (TSSOP)
• ESD exceeds: CDM 1000 V; HBM 2000 V

DESCRIPTION
The CBT16210 provides 20 bits of high-speed TTL-compatible bus
switching. The low on-state resistance of the switch allows
connections to be made with minimal propagation delay.
The device is organized as a dual 10-bit bus switch with separate
output-enable (OE) inputs. It can be used as two 10-bit bus switches
or as one 20-bit bus switch. When OE is low, the associated 10-bit
bus switch is on, and port A is connected to port B. When OE is
high, the switch is open, and a high-impedance state exists between
the ports.
The CBT16210 is characterized for operation from –40°C to +85°C.




Similar Part No. - CBT16210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT16210DGG PHILIPS-CBT16210DGG Datasheet
78Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT16210DL PHILIPS-CBT16210DL Datasheet
78Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT16210 PHILIPS-CBT16210_15 Datasheet
85Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
More results


Similar Description - CBT16210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBT16210 PHILIPS-CBT16210_15 Datasheet
85Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT3384 PHILIPS-CBT3384_15 Datasheet
105Kb / 14P
10-bit bus switch with 5-bit output enables
Rev. 06-2 November 2009
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
CBTD16210 NEXPERIA-CBTD16210 Datasheet
201Kb / 11P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com