Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T405-600B Datasheet (PDF) - STMicroelectronics

T405-600B Datasheet PDF - STMicroelectronics
Part # T405-600B
Download  T405-600B Download
File Size   491.25 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Triacs

T405-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
T405-600B Datasheet PDF - STMicroelectronics

Part # T405-600B
Download  T405-600B Click to download

File Size   491.25 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Triacs

T405-600B Datasheet (HTML) - STMicroelectronics


T405-600B Product details

Features
 Three quadrants Triac
 600 to 800 V VDRM/VRRM
Applications
 General purpose AC inductive loads
 Motor control circuits
 Small home appliances
Description
Based on ST’s Snubberless / logic level
technology providing high commutation
performances, the T4 series is suitable for use on
AC inductive loads. They are recommended for
applications using universal motors, electro
valves, kitchen aid equipments, power tools, and
dishwashers.




Similar Part No. - T405-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405-600B STMICROELECTRONICS-T405-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T405-600B STMICROELECTRONICS-T405-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T405-600B JIEJIE-T405-600B Datasheet
662Kb / 6P
4A TRIACs
logo
Inchange Semiconductor ...
T405-600B ISC-T405-600B Datasheet
207Kb / 1P
isc Thyristors
logo
STMicroelectronics
T405-600B STMICROELECTRONICS-T405-600B Datasheet
119Kb / 10P
4A TRIACS
25-Mar-2005
More results


Similar Description - T405-600B

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
Internally Triggered Triacs (4 A to 15 A)
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
10-A SILICON TRIACS
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
YENYO TECHNOLOGY Co., L...
BT04 YENYO-BT04 Datasheet
189Kb / 5P
4-Quardrant Triacs
BT08 YENYO-BT08 Datasheet
209Kb / 5P
4-Quardrant Triacs
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
4 A Triacs
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
4 A Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com