Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL4012 Datasheet (PDF) - XLSEMI

XL4012 Datasheet PDF - XLSEMI
Part # XL4012
Download  XL4012 Download
File Size   183.84 Kbytes
Page   9 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 12A 300KHz 32V Buck DC to DC Converter

XL4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL4012 Datasheet PDF - XLSEMI

Part # XL4012
Download  XL4012 Click to download

File Size   183.84 Kbytes
Page   9 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 12A 300KHz 32V Buck DC to DC Converter

XL4012 Datasheet (HTML) - XLSEMI


XL4012 Product details

Features
„ Wide 5V to 32V Input Voltage Range
„ Output Adjustable from 0.8V to 30V
„ Maximum Duty Cycle 100%
„ Minimum Drop Out 0.6V
„ Fixed 300KHz Switching Frequency
„ 12A Constant Output Current Capability
„ Internal Optimize Power MOSFET
„ High efficiency
„ Excellent line and load regulation
„ Built in thermal shutdown function
„ Built in current limit function
„ Built in output short protection function
„ Available in TO-220 package
Applications
„ LCD Monitor and LCD TV
„ Digital Photo Frame
„ Set-up Box
„ ADSL Modem
„ Telecom / Networking Equipment
General Description
The XL4012 is a 300 KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 12A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency compensation and a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An over
current protection function is built inside.
When short protection function happens, the
operation frequency will be reduced from
300KHz to 60KHz. An internal compensation
block is built in to minimize external
component count.




Similar Part No. - XL4012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013E1 ETC2-XL4013E1 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4013E1 XLSEMI-XL4013E1 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
More results


Similar Description - XL4012

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
300Khz, 2.5A PWM Buck DC/DC Converter
Rev 1.0 Sep. 29, 2004
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
300KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
XL4003 ETC2-XL4003 Datasheet
322Kb / 9P
4A 300KHz 32V Buck DC to DC Converter
XL4005 ETC2-XL4005 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
2A 380KHz 32V PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3112 TECHCODE-TD3112 Datasheet
637Kb / 16P
2.2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1591 FS-FAC1591 Datasheet
747Kb / 12P
2A 380KHZ 32V PWM Buck DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com