Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1518 Datasheet (PDF) - Anachip Corp

AP1518 Datasheet PDF - Anachip Corp
Part # AP1518
Download  AP1518 Download
File Size   193.12 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 300KHz, 3A PWM Buck DC/DC Converter

AP1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1518 Datasheet PDF - Anachip Corp

Part # AP1518
Download  AP1518 Click to download

File Size   193.12 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 300KHz, 3A PWM Buck DC/DC Converter

AP1518 Datasheet (HTML) - Anachip Corp


AP1518 Product details

General Description
The AP1518 series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 3A load without external transistor. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design.

Features
- Adjustable version output voltage range, 0.8V to 18V+4%
- 300KHz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON /OFF shutdown control input
- Operating voltage can be up to 22V
- Output load current: 3A
- TO220-5L and TO263-5L Pb-Free packages
- Low power standby mode
- Built-in switching transistor on chip

Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter




Similar Part No. - AP1518

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1510 ANACHIP-AP1510 Datasheet
179Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1.1 Jan 25, 2005
logo
Diodes Incorporated
AP1510 DIODES-AP1510 Datasheet
264Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
AP1510 DIODES-AP1510 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1510 DIODES-AP1510 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
AP1510 DIODES-AP1510 Datasheet
567Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev. 8 - 2 December 2017
More results


Similar Description - AP1518

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
300Khz, 2.5A PWM Buck DC/DC Converter
Rev 1.0 Sep. 29, 2004
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com