Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY2010G Datasheet (PDF) - NXP Semiconductors

CGY2010G Datasheet PDF - NXP Semiconductors
Part # CGY2010G
Download  CGY2010G Download
File Size   79.52 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description GSM 4 W power amplifiers

CGY2010G Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY2010G Datasheet PDF - NXP Semiconductors

Part # CGY2010G
Download  CGY2010G Click to download

File Size   79.52 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description GSM 4 W power amplifiers

CGY2010G Datasheet (HTML) - NXP Semiconductors


CGY2010G Product details

GENERAL DESCRIPTION

The CGY2010G and CGY2011G are GSM class 4 GaAs Monolithic Microwave Integrated Circuits (MMICs) power

amplifiers specifically designed to operate at 4.8 V battery supply. These ICs also include a power sensor driver so that no directional coupler is required in the power control loop.



FEATURES

• Power Amplifier (PA) overall efficiency 45%

• 35.5 dB gain

• 0 dBm input power

• Gain control range >55 dB

• Integrated power sensor driver

• Low output noise floor of PA <−129 dBm/Hz in GSM RX band

• Wide operating temperature range−20 to +85°C

• LQFP 48 pin package

• Compatible with power ramping controller PCA5075

• Compatible with GSM RF transceiver SA1620.



APPLICATIONS

• 880 to 915 MHz hand-held transceivers for E-GSM applications

• 900 MHz TDMA systems.




Similar Part No. - CGY2010G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
GSM 4 W power amplifier
1998 Jan 23
CGY2014 PHILIPS-CGY2014 Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
More results


Similar Description - CGY2010G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
GSM 4 W power amplifier
1998 Jan 23
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
4 x 13 W single-ended power amplifiers
2000 Mar 10
logo
RF Micro Devices
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
GSM Power Management System
REV.0
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
logo
M/A-COM Technology Solu...
MAAP-011161 MA-COM-MAAP-011161 Datasheet
1,009Kb / 11P
4 W Power Amplifier
MAAP-011139 MA-COM-MAAP-011139 Datasheet
1Mb / 12P
Power Amplifier, 4 W
MAAP-011193 MA-COM-MAAP-011193 Datasheet
1Mb / 9P
4 W Power Amplifier
MAAP-011139-DIE MA-COM-MAAP-011139-DIE Datasheet
1Mb / 12P
Power Amplifier, 4 W
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com