Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2689 Datasheet (PDF) - RF Micro Devices

RF2689 Datasheet PDF - RF Micro Devices
Part # RF2689
Download  RF2689 Download
File Size   383.73 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR

RF2689 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2689 Datasheet PDF - RF Micro Devices

Part # RF2689
Download  RF2689 Click to download

File Size   383.73 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR

RF2689 Datasheet (HTML) - RF Micro Devices


RF2689 Product details

Product Description
The RF2689 is an integrated complete IF AGC amplifier and quadrature demodulator designed for the receive section of W-CDMA and GSM/DCS applications. It is designed to amplify received IF signals, while providing 70dB of gain control range, a total of 90dB gain, and demodulate to baseband I and Q signals. This circuit is designed as part of RFMD’s multimode W-CDMA/GSM/DCS chipset, which also includes the RF2688 W-CDMA/GSM/DCS transmit modulator and IF AGC/Upconverter. The IC is manufactured on an advanced 25GHz FT Silicon Bi-CMOS process, and is packaged in a 20-pin, 4mmx4mm, leadless chip carrier.

Features
• Digitally Controlled Power Down Mode
• 2.7V to 3.3V Operation
• Digital LO Quadrature Divide-by-8
• IF AGC Amp with 70dB Gain Control
• 80dB Maximum Voltage Gain

Typical Applications
• Multimode W-CDMA/GSM/DCS/EDGE
• W-CDMA Systems
• GSM Systems




Similar Part No. - RF2689

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
More results


Similar Description - RF2689

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com