Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9957 Datasheet (PDF) - RF Micro Devices

RF9957 Datasheet PDF - RF Micro Devices
Part # RF9957
Download  RF9957 Download
File Size   169.26 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM RECEIVE AGC AND DEMODULATOR

RF9957 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF9957 Datasheet PDF - RF Micro Devices

Part # RF9957
Download  RF9957 Click to download

File Size   169.26 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM RECEIVE AGC AND DEMODULATOR

RF9957 Datasheet (HTML) - RF Micro Devices


RF9957 Product details

Product Description
The RF9957 is an integrated complete IF AGC amplifier and Quadrature Demodulator designed for the receive section of dual-mode CDMA/FM cellular and PCS applications. It is designed to amplify received IF signals, while providing 100dB of gain control range, and demodulate to baseband I and Q signals. Noise Figure, IP3, and other specifications are designed to be compatible with the IS- 98 and J-STD-018 Interim Standard for CDMA cellular communications. The IC is manufactured on an advanced 15GHz FT Silicon Bipolar process, and is packaged in a standard miniature 24-lead plastic SSOP package.

Features
• Supports Dual Mode Operation (CDMA and FM)
• Digitally Controlled Power Down Mode
• 2.7V to 3.3V Operation
• Quadrature LO Divider
• IF AGC Amp with 100dB Gain Control

Typical Applications
• CDMA/FM Cellular Systems
• CDMA PCS Systems
• Wireless Local Loop Systems
• Spread-Spectrum Cordless Phones
• High Speed Data Modems
• General Purpose Digital Receivers




Similar Part No. - RF9957

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF9958PCBA RFMD-RF9958PCBA Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
More results


Similar Description - RF9957

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com