Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9958 Datasheet (PDF) - RF Micro Devices

RF9958 Datasheet PDF - RF Micro Devices
Part # RF9958
Download  RF9958 Download
File Size   129.62 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER

RF9958 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF9958 Datasheet PDF - RF Micro Devices

Part # RF9958
Download  RF9958 Click to download

File Size   129.62 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER

RF9958 Datasheet (HTML) - RF Micro Devices


RF9958 Product details

Product Description
The RF9958 is an integrated complete Quadrature Modulator, IF AGC amplifier, and Upconverter designed for the transmit section of dual-mode CDMA/FM cellular and PCS applications. It is designed to modulate baseband I and Q signals, amplify the resulting IF signals while providing 95dB of gain control range, and perform the final upconversion to UHF. Noise Figure, IP3, and other specifications are designed to be compatible with the IS-98 Interim Standard for CDMA cellular communications. This circuit is designed as part of RFMD’s newest CDMA Chip Set, which also includes the RF9957 CDMA/FM Receive IF AGC and Demodulator. The IC is manufactured on an advanced 15GHz FT Silicon Bipolar process, and is supplied in a 28-lead plastic SSOP package.

Features
• Supports Dual Mode Operation
• Digitally Controlled Power Down Modes
• 2.7V to 3.3V Operation
• Digital First LO Quadrature Divider
• Double-Balanced UHF Upconvert Mixer
• IF AGC Amp with 95 dB Gain Control

Typical Applications
• CDMA/FM Cellular Systems
• CDMA PCS Systems
• Wireless Local Loop Systems
• Spread Spectrum Cordless Phones
• High Speed Data Modems
• General Purpose Digital Transmitters




Similar Part No. - RF9958

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9957PCBA RFMD-RF9957PCBA Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
More results


Similar Description - RF9958

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com