Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2619 Datasheet (PDF) - RF Micro Devices

RF2619 Datasheet PDF - RF Micro Devices
Part # RF2619
Download  RF2619 Download
File Size   114.74 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V CDMA/FM TRANSMIT AGC AMPLIFIER

RF2619 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2619 Datasheet PDF - RF Micro Devices

Part # RF2619
Download  RF2619 Click to download

File Size   114.74 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V CDMA/FM TRANSMIT AGC AMPLIFIER

RF2619 Datasheet (HTML) - RF Micro Devices


RF2619 Product details

Product Description
The RF2619 is a complete AGC amplifier designed for the transmit section of 3V dual-mode CDMA/FM cellular applications. It is designed to amplify IF signals while providing more than 84dB of gain control range. Noise Figure, IP3, and other specifications are designed to be compatible with the IS-95 Interim Standard for CDMA cellular communications.

Features
• Supports Dual Mode Operation
• -48dB to +42dB Gain Control Range
• Single 3V Power Supply
• Monolithic Construction
• 12MHz to 175MHz Operation
• Miniature Surface Mount Package

Typical Applications
• 3V CDMA/FM Cellular Systems
• Supports Dual-Mode AMPS/CDMA
• Supports Dual-Mode TACS/CDMA
• General Purpose Linear IF Amplifier
• Portable Battery-Powered Equipment
• Commercial and Consumer Systems




Similar Part No. - RF2619

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
More results


Similar Description - RF2619

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
3V CDMA/FM MIXER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com