Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2658 Datasheet (PDF) - RF Micro Devices

RF2658 Datasheet PDF - RF Micro Devices
Part # RF2658
Download  RF2658 Download
File Size   114.65 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER

RF2658 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2658 Datasheet PDF - RF Micro Devices

Part # RF2658
Download  RF2658 Click to download

File Size   114.65 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER

RF2658 Datasheet (HTML) - RF Micro Devices


RF2658 Product details

Product Description
The RF2658 is an integrated complete Quadrature Modulator, IF AGC amplifier, and Upconverter developed for the transmit section of dual-mode CDMA/FM cellular and PCS applications and for GSM/DCS and TDMA systems.

Features
• Similarto RF9958with increased IF range
• Supports Dual Mode Operation
• Digitally Controlled Power Down Modes
• 2.7V to 3.3V Operation
• Double-Balanced UHF Upconvert Mixer
• IF AGC Amp with 95 dB Gain Control

Typical Applications
• CDMA/FM Cellular Systems
• CDMA PCS Systems
• GSM/DCS Systems
• TDMA Systems
• Spread Spectrum Cordless Phones
• Wireless Local Loop Systems




Similar Part No. - RF2658

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF26-01-T-00-50-G ADAM-TECH-RF26-01-T-00-50-G Datasheet
82Kb / 1P
BULKHEAD ANGLE JACK
RF26-05-00-50-T ADAM-TECH-RF26-05-00-50-T Datasheet
67Kb / 1P
SMB CONNECTOR
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
GAIN CONTROLLED IF AMPLIFIER
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
More results


Similar Description - RF2658

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com