Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9678 Datasheet (PDF) - RF Micro Devices

RF9678 Datasheet PDF - RF Micro Devices
Part # RF9678
Download  RF9678 Download
File Size   200.59 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description W-CDMA TRANSMIT MODULATOR AND IF AGC

RF9678 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF9678 Datasheet PDF - RF Micro Devices

Part # RF9678
Download  RF9678 Click to download

File Size   200.59 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description W-CDMA TRANSMIT MODULATOR AND IF AGC

RF9678 Datasheet (HTML) - RF Micro Devices


RF9678 Product details

Product Description
The RF9678 is an integrated complete quadrature modulator and IF AGC amplifier designed for the transmit section of W-CDMA applications. It is designed to modulate baseband I and Q signals, and amplify the resulting IF signals while providing 55dB of gain control range. This circuit is designed as part of RFMD’s single mode W-CDMA Chipset, which also includes the RF2679 W-CDMA Receive IF AGC and Demodulator. The IC is manufactured on an advanced Silicon Bi-CMOS process, and is supplied in a16-pin leadless chip carrier.

Features
• Digitally Controlled Power Down Modes
• 2.7V to 3.3V Operation
• Digital LO Quadrature Divider
• AGC Linearity/Current Consumption Var.
• IF AGC Amp with 55dB Gain Control

Typical Applications
• W-CDMA Systems
• EDGE Systems
• CDMA Systems
• TDMA Systems




Similar Part No. - RF9678

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
SAW Filter
More results


Similar Description - RF9678

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
130MHz CDMA/AMPS Quadrature Modulator and AGC
February 1998
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com