Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2603 Datasheet (PDF) - RF Micro Devices

RF2603 Datasheet PDF - RF Micro Devices
Part # RF2603
Download  RF2603 Download
File Size   120.17 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.8V PCS UPCONVERTER

RF2603 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2603 Datasheet PDF - RF Micro Devices

Part # RF2603
Download  RF2603 Click to download

File Size   120.17 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.8V PCS UPCONVERTER

RF2603 Datasheet (HTML) - RF Micro Devices


RF2603 Product details

Product Description
The RF2603 is a upconverter/pre-driver designed for PCS systems. The device features single-ended IF and LO inputs and single-ended RF output for ease of interface. The RF2603 is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process and is packaged in a TSSOP-16 package.

Features
• Single Supply 2.8V Operation
• +3dBm Typical Output 1dB Compression Point
• Power Down Control
• 17dB Conversion Gain

Typical Applications
• TDMA/CDMA PCS Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2603

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
GAIN CONTROLLED IF AMPLIFIER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
More results


Similar Description - RF2603

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9938 RFMD-RF9938 Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
Digital UpConverter
1999 01
logo
Tyco Electronics
MD59-0022 MACOM-MD59-0022 Datasheet
127Kb / 5P
PCS CDMA Upconverter / Driver 1710 1710.1910 MHz
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Littelfuse
SPLV2-8HTG LITTELFUSE-SPLV2-8HTG Datasheet
194Kb / 4P
SPLV2.8 Series 2.8V 40A TVS Array
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM_15 Datasheet
919Kb / 23P
Ku-Band Upconverter
TGC4510-SM TRIQUINT-TGC4510-SM_15 Datasheet
1Mb / 28P
K Band Upconverter
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
logo
Golledge Electronics Lt...
GXO-7521 GOLLEDGE-GXO-7521 Datasheet
190Kb / 2P
1.8 ~ 2.8V CMOS Oscillator
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
Wideband, Microwave Upconverter
4/2019-Rev. 0 to Rev. A
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com