Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9938 Datasheet (PDF) - RF Micro Devices

RF9938 Datasheet PDF - RF Micro Devices
Part # RF9938
Download  RF9938 Download
File Size   46.9 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS UPCONVERTER/BPSK MODULATOR

RF9938 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF9938 Datasheet PDF - RF Micro Devices

Part # RF9938
Download  RF9938 Click to download

File Size   46.9 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS UPCONVERTER/BPSK MODULATOR

RF9938 Datasheet (HTML) - RF Micro Devices


RF9938 Product details

Product Description
The RF9938 is a complete upconverter designed for PCS applications. The IC contains a double-balanced mixer stage and an output buffer amplifier stage. This device may also be used to directly BPSK modulate a carrier. The mixer is a Gilbert cell with emitter degeneration resistors to provide high IP3. The output stage is a class-B, push-pull configuration to reduce the overall current and still provide a good 50Ω output match. The unit operates at 3.6V and is designed as part of the RFMD PCS CDMA Chip Set, consisting of a Transmit IF AGC Amp, this Transmit Upconverter, a Receive LNA/Mixer, and a Receive IF AGC Amp.

Features
• Supports Dual Mode Operation
• +8dBm Output Intercept Point
• Single 3.6V Power Supply
• Internally Matched Inputs and Outputs
• Buffered Output
• Double-Balanced Mixer

Typical Applications
• CDMA/TDMA/DCS1900 PCS Systems
• PHS 1500/ WLAN 2400 Systems
• General Purpose Upconverter
• BPSK Modulation
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment




Similar Part No. - RF9938

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9908PCBA RFMD-RF9908PCBA Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
REYCONNS CHINA LIMITED
RF9913 REYCONNS-RF9913 Datasheet
489Kb / 5P
SAW Filter
logo
RF Micro Devices
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9957PCBA RFMD-RF9957PCBA Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
More results


Similar Description - RF9938

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
Tyco Electronics
MD59-0022 MACOM-MD59-0022 Datasheet
127Kb / 5P
PCS CDMA Upconverter / Driver 1710 1710.1910 MHz
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com