Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88952L Datasheet (PDF) - Micrel Semiconductor

SY88952L Datasheet PDF - Micrel Semiconductor
Part # SY88952L
Download  SY88952L Download
File Size   539.77 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS

SY88952L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88952L Datasheet PDF - Micrel Semiconductor

Part # SY88952L
Download  SY88952L Click to download

File Size   539.77 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS

SY88952L Datasheet (HTML) - Micrel Semiconductor


SY88952L Product details

General Description
The SY88973BL low-power, limiting post amplifier is designed for use in fiber optic receivers. The device connects to typical transimpedance amplifiers (TIAs). The linear signal output from TIAs can contain significant amounts of noise and may vary in amplitude over time. The SY88973BL quantizes these signals and outputs typically 800mVPP voltage-limited waveforms.

Features
• Multi-rate up to 3.2Gbps operation
• Wide gain-bandwidth product
• 38dB differential gain
• 2GHz 3dB bandwidth
• Low noise 50Ω CML data outputs
    – 800mVPP output swing
    – 60ps edge rates
    – 5psRMS typ. random jitter
    – 15psPP typ. deterministic jitter
• Chatter-free, Loss-of-Signal (LOS) output
    – No internal pull-up resistor− fully compliant with SFP MSA
    – 4.6dB electrical hysteresis
    – OC-TTL output
• Programmable LOS sensitivity using single external resistor
• Internal 50Ω data input termination
• TTL /EN input allows feedback from LOS
• Wide operating range:
    – Single 3.3V ±10%
    – –40°C to +85°C industrial temperature range
• Available in a tiny 3mm x 3mm 16-pin QFN package

Applications
• 1.25Gbps and 2.5Gbps Gigabit Ethernet
• 1.062Mbps and 2.125Gbps Fibre Channel
• 155Mbps, 622Gbps, 1.25Gbps, and 2.5Gbps SONET/SDH
• Gigabit interface converter (GBIC)
• Small form factor (SFF) and small form factor pluggable (SFP) transceivers
• Parallel 10G Ethernet
• High-gain line driver and line receiver




Similar Part No. - SY88952L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
SY88952LMG MICREL-SY88952LMG Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
SY88952LMGTR MICREL-SY88952LMGTR Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
SY88952LMI MICREL-SY88952LMI Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
SY88952LMITR MICREL-SY88952LMITR Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
More results


Similar Description - SY88952L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com