Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88992L Datasheet (PDF) - Micrel Semiconductor

SY88992L Datasheet PDF - Micrel Semiconductor
Part # SY88992L
Download  SY88992L Download
File Size   619.02 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 4.25Gbps VCSEL Driver

SY88992L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88992L Datasheet PDF - Micrel Semiconductor

Part # SY88992L
Download  SY88992L Click to download

File Size   619.02 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 4.25Gbps VCSEL Driver

SY88992L Datasheet (HTML) - Micrel Semiconductor


SY88992L Product details

General Description
The SY88992L is a single supply 3.3V, low power consumption, small-form factor VCSEL driver ideal for use in datacom applications; Ethernet, GbE (Gigabit Ethernet), and FC (Fibre Channel) applications that operate from 100Mbps up to 4.25Gbps. The modulation current is set by applying an external voltage at the IM_SET pin. The driver features an adjustable peaking option with variable amplitude and duration to improve VCSEL edge response. The driver can deliver modulation current up to 25mA and a peaking current up to 35% of the modulation current.

Features
• Up to 25mA modulation current
• Operates from 100Mbps to 4.25Gbps
• Peaking with variable duration option for better VCSEL response
• Dual peaking, on the rise and falling edges
• Peaking current proportional to modulation current
• Easy modulation current setting
• Fully controllable with Micrel MIC3001
• Small (3mm x 3mm) 16 pin QFN package

Applications
• Multirate LAN, SAN applications up to 4.25Gbps: Ethernet, GbE, FC
• SFF, SFP Modules




Similar Part No. - SY88992L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY88992LMG MICREL-SY88992LMG Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY88992LMGTR MICREL-SY88992LMGTR Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
More results


Similar Description - SY88992L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Micrel Semiconductor
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
logo
Finisar Corporation.
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
4.25GBPS 850NM VCSEL LC TOSA PACKAGE
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
11.3Gbps VCSEL DRIVER
logo
Linear Technology
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
3.3V, 3.2Gbps VCSEL Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com